Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026-15BC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C31026-15BC
Description  5V / 3.3V 64KX16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026-15BC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C31026-15BC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026-15BC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 9 of 10
Notes
1
Bump counts: 48 (8 row x 6 column).
2
Pitch: (x,y) = 0.75 mm x 0.75 mm (typ).
3
Units: millimeters.
4
All tolerance are +/- 0.050 unless otherwise
specified.
5
Typ: typical.
6
Y is coplanarity: 0.08 (max).
Minimum
Typical
Maximum
A–
0.75
B
5.90
8.00
8.10
B1
3.75
C
7.90
8.00
8.10
C1
5.25
D–
0.35
E–
1.20
E1
0.68
E2
0.22
0.25
0.27
Y–
0.08
48-ball FBGA
Bottom View
65
4
3
2
1
Ball A1
C1
A
B
C
D
F
G
H
J
A
B1
Side View
Top View
Ball #A1 index
C
SRAM DIE
Elastomer
B
Detail View
A
Y
Die
0.3/T
µp
E2
E
Die
D
E1
E2
E


Similar Part No. - AS7C31026-15BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026-15BC ALSC-AS7C31026-15BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026-15BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com