Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT10E-05S3V3J Datasheet(PDF) 9 Page - Artesyn Technologies

Part # SMT10E-05S3V3J
Description  3.0 Vin to 5.5 Vin Single output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT10E-05S3V3J Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button SMT10E-05S3V3J Datasheet HTML 5Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 6Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 7Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 8Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 9Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 10Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 11Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 12Page - Artesyn Technologies SMT10E-05S3V3J Datasheet HTML 13Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SMT10E Series | 10 A DC-DC Converter
9
www.artesyn.com
E Class Non-Isolated
S1V5 Model
Electrical Characteristics - O/P
S1V5 Model
Efficiency
S1V5 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
88.0
90.0
%
Iout = 100% Iout (max),
Vin = Vin (nom)
Efficiency
η
88.0
90.0
%
Iout = 50% Iout (max),
Vin = Vin (nom)
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
Vdynamic
60
mV
Peak deviation for 50% to 75%
peak deviation
step load, di/dt = 100mA/µsec
Measurement taken with no
external capacitors
Load transient response -
Trecovery
50
µsec
Settling time to within 1% of
recovery
output set point voltage for 50%
to 75% step load. Measurement
taken with no external
capacitors
External load capacitance
Cext
0
10,000
µF
Protection and Control Features
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Allowable output voltage*
10
%
Trim up (% of Vo nom).
10
%
Trim down (% of Vo nom)
See Application Note 168 for
details of trim equations and
trim curves
Remote sense voltage
10
%
If trim up is invoked de-rate
power accordingly (remote
sense + trim ≤ 10%)
*Vin (min) = 3.3V at max. trim-up
File Name: lf_smt10e_05.pdf Rev (02): 04 Jan 2006


Similar Part No. - SMT10E-05S3V3J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT10E-05S3V3J ARTESYN-SMT10E-05S3V3J Datasheet
400Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - SMT10E-05S3V3J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
logo
Emerson Network Power
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
   3.0 Vin - 5.5 Vin
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
   0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
   12 Vin single output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com