Electronic Components Datasheet Search |
|
SMT10E Datasheet(PDF) 2 Page - Artesyn Technologies |
|
SMT10E Datasheet(HTML) 2 Page - Artesyn Technologies |
2 / 32 page SXA10 Series | 15W DC/DC SMT10E Series | 10 A DC-DC Converter E Class Non-Isolated 2 File Name: lf_smt10e_05.pdf Rev (02): 04 Jan 2006 Characteristic Symbol Min Typ Max Units Notes and Conditions Input voltage - turn on Vin (on) 2.25 2.70 3 V DC Will regulate @ Vin >3V if Vout ≤ 2V5 Turn on delay - enabled, Tdelay 20 msec With the enable signal asserted, then power applied (power) this is the time from when the input voltage reaches the minimum specified operating voltage until the output voltage is within the total regulation band Turn on delay - power Tdelay 20 msec Vin = Vin (nom), then enabled. applied, then enabled (enable) This is the time taken until the output voltage is within the total error band Rise time Trise 15 msec From 10% to 90%; full resistive load, no external capacitance Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability. All specifications are typical at nominal input Vin = 5V, full load under any resistive load combination at 25˚C unless otherwise stated. Characteristic Symbol Min Typ Max Units Notes and Conditions Input voltage - continuous Vin (cont) -0.3 5.5 V DC Vin(+) - Vin(-) Input voltage - peak/surge Vsurge -0.3 6 V DC 2s max, non-repetitive Operating temperature Top -40 100 ºC Measured at thermal reference points, See Note 1 for thermal Derating Storage temperature Tstorage -40 125 ºC Output power (S1V2) Pout (max) 0 13.2 W Output power (S1V5) Pout (max) 0 16.5 W Output power (S1V8) Pout (max) 0 19.8 W Output power (S2V5) Pout (max) 0 27.5 W Output power (S3V3) Pout (max) 0 36.3 W Output power (W3V3) Pout (max) 0 36.3 W Absolute Maximum Ratings Input Characteristics Turn On/Off * Fuse A - S(T) 1.25 x 0.25 inches SIBA P/N 70-065-65/12.5ARS Characteristic Symbol Min Typ Max Units Notes and Conditions Input voltage - operating Vin (oper) 3 5 5.5 V DC Input current - no load lin 70 150 mA DC Vin (min) - Vin (max), enabled Input current - Quiescent lin (off) 2 mA DC Converter disabled Inrush current (i2t) A2µs Input ripple current mA rms Input fuse* 12.5 A Slowblow/antisurge HRC recommended |
Similar Part No. - SMT10E |
|
Similar Description - SMT10E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |