Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28442ZXC-2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28442ZXC-2
Description  Clock Generator for Intel Alviso Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28442ZXC-2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28442ZXC-2 Datasheet HTML 1Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 2Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 3Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 4Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 5Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 6Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 7Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 8Page - Cypress Semiconductor CY28442ZXC-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PRELIMINARY
CY28442-2
Document #: 38-07691 Rev. **
Page 3 of 22
Frequency Select Pins (FS_A, FS_B and FS_C)
Host clock frequency selection is achieved by applying the
appropriate logic levels to FS_A, FS_B, FS_C inputs prior to
VTT_PWRGD# assertion (as seen by the clock synthesizer).
Upon VTT_PWRGD# being sampled low by the clock chip
(indicating processor VTT voltage is stable), the clock chip
samples the FS_A, FS_B and FS_C input values. For all logic
levels of FS_A, FS_B and FS_C, VTT_PWRGD# employs a
one-shot functionality in that once a valid low on
VTT_PWRGD# has been sampled, all further VTT_PWRGD#,
FS_A, FS_B and FS_C transitions will be ignored, except in
test mode.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initializes to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 2.
The block write and block read protocol is outlined in Table 3
while Table 4 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
48
VDDA2
PWR 3.3V power supply for PLL2
49
XOUT
O, SE 14.318-MHz crystal output.
50
XIN
I
14.318-MHz crystal input.
51
VSSA2
GND Ground for PLL2.
52
REF1
O
Fixed 14.318 MHz clock output.
53
FS_C_TEST_SEL/
REF0
I/O
3.3V-tolerant input for CPU frequency selection/fixed 14.318 clock output.
Selects test mode if pulled to greater than 1.8V when VTT_PWRGD# is asserted
low.
Refer to DC Electrical Specifications table for VIL_FS,VIH_FS specifications.
54
CPU_STP#
I, PU 3.3V LVTTL input for CPU_STP# active low.
55
PCI_STP#
I, PU 3.3V LVTTL input for PCI_STP# active low.
56
PCI2/SEL_CLKREQ
I/O, PD 3.3V-tolerant input for CLKREQ pin selection/fixed 33-MHz clock output.
(sampled on the VTT_PWRGD# assertion).
1= pins 32,33 function as clk request pins, 0= pins 32,33 function as SRC outputs.
Pin Definitions (continued)
Pin No.
Name
Type
Description
Table 1. Frequency Select Table FS_A, FS_B and FS_C
FS_C
FS_B
FS_A
CPU
SRC
PCIF/PCI
REF0
DOT96
USB
1
0
1
100 MHz
100 MHz
33 MHz
14.318 MHz
96 MHz
48 MHz
0
0
1
133 MHz
100 MHz
33 MHz
14.318 MHz
96 MHz
48 MHz
0
1
1
166 MHz
100 MHz
33 MHz
14.318 MHz
96 MHz
48 MHz
0
1
0
200 MHz
100 MHz
33 MHz
14.318 MHz
96 MHz
48 MHz
Table 2. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be
'0000000'


Similar Part No. - CY28442ZXC-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28442ZXC-2 SPECTRALINEAR-CY28442ZXC-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442ZXC-2 CYPRESS-CY28442ZXC-2 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Silicon Laboratories
CY28442ZXC-2 SILABS-CY28442ZXC-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
logo
SpectraLinear Inc
CY28442ZXC-2T SPECTRALINEAR-CY28442ZXC-2T Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442ZXC-2T CYPRESS-CY28442ZXC-2T Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28442ZXC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com