Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT06C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SMT06C
Description  DC-DC CONVERTERS C Class Non-isolated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT06C Datasheet(HTML) 3 Page - Artesyn Technologies

  SMT06C Datasheet HTML 1Page - Artesyn Technologies SMT06C Datasheet HTML 2Page - Artesyn Technologies SMT06C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT06C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
0.019
(0.48) TYP
1.200
(30.48)
0.050
(1.27)
0.190
(4.83)
0.190
(4.83)
0.190
(4.83)
0.190
(4.83)
0.310
(7.87)
PIN 2
PIN 1
PIN 6
PIN 5
Seating Plane
0.089
(2.26)
6 x
0.062
(1.57) REF
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: smt06c.pdf Rev (03): 15 Dec 2005
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Remote ON/OFF
2
Power Good
3
Trim
4
Vout
5
GND
6Vin


Similar Part No. - SMT06C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
SMT06C-05SADJJ EMERSON-NETWORKPOWER-SMT06C-05SADJJ Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
563Kb / 3P
   POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
   POWER C-Class Non-Isolated
logo
Emerson Network Power
SMT06C-12SADJJ EMERSON-NETWORKPOWER-SMT06C-12SADJJ Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
More results

Similar Description - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com