Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT05E-05S1V5J Datasheet(PDF) 6 Page - Artesyn Technologies

Part # SMT05E-05S1V5J
Description  0.75 Vin to 3.63 Vin Single output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT05E-05S1V5J Datasheet(HTML) 6 Page - Artesyn Technologies

Back Button SMT05E-05S1V5J Datasheet HTML 2Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 3Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 4Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 5Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 6Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 7Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 8Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 9Page - Artesyn Technologies SMT05E-05S1V5J Datasheet HTML 10Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SXA10 Series
| 15W DC/DC
SMT05E Series
| 5 A DC-DC Converter
E Class Non-Isolated
6
S1V5 Model
Electrical Characteristics - O/P
S1V5 Model
Efficiency
S1V5 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
85.5
87.5
%
Iout = 100% Iout (max),
Vin = Vin (5V)
Efficiency
η
88.4
90.4
%Iout = 50% Iout (max),
Vin = Vin (5V)
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
Vdynamic
60
mV
Peak deviation for 50% to 75%
peak deviation
step load, di/dt = 100 mA/µsec.
Measurement taken with no
external capacitors
Load transient response -
Trecovery
50
µsec
Settling time to within 1% of
recovery
output set point voltage for 50%
to 75% step load.
Measurement taken with no
external capacitors
External load capacitance
Cext
10,000
µF
File Name: lf_smt05e_05.pdf Rev (02): 23 Dec 2005
Protection and Control Features
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Allowable output voltage
90
110
%
Trim up (% of Vo nom).
trim range
Vo = 1.5 V. Note that the
maximum output power is still
8.25 W. Derate the maximum
output current accordingly.


Similar Part No. - SMT05E-05S1V5J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
logo
Emerson Network Power
SMT05E-12W3V3J EMERSON-NETWORKPOWER-SMT05E-12W3V3J Datasheet
237Kb / 4P
   non-isolated dc-dc converters
logo
Artesyn Technologies
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J_15 Datasheet
527Kb / 3P
   12 V Non-Isolated DC-DC Converters
More results

Similar Description - SMT05E-05S1V5J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
   12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
   12 Vin Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com