Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL20C2-00SADJ-VJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL20C2-00SADJ-VJ
Description  4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C2-00SADJ-VJ Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL20C2-00SADJ-VJ Datasheet HTML 1Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 2Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 3Page - Artesyn Technologies SIL20C2-00SADJ-VJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIL40C2 Series
4.5-13.8 Vin Single Output
File Name: sil40c2.pdf Rev: 15 Mar 2006
March 15, 2006
2 year warranty
40 a current rating
Input voltage range: 4.5-13.8 V
Output voltage: 0.6-5 V
Industry leading value
Cost optimized design
excellent transient response
Output enable
Output voltage adjustability
Pathway for future upgrades
Supports silicon voltage migration
resulting in reduced design-in and qual time
roHS compliant
The SIL40C2 series is a new high density open frame non-isolated converter
for space sensitive applications. This model has a wide input range (4.5-13.8
Vdc) and offers a wide 0.6-5 V output voltage range with 40 A load capability.
An external resistor adjusts the output voltage from its pre-set value of 0.6 V to
any value up to the 5 V maximum. Typical efficiencies for the models are 91%
for the 12 V input version. The SIL40C2 series offers remote ON/OFF and
over-current protection as standard.
DC-DCCONVERTERS
C Class Non-isolated
1
NEWProduct
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
Output voltage
(See Note 5)
0.6-5 V
Output setpoint
accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min/max load
0 A/40 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
(See Note 1)
25 mV
Vin = 5 V, Vout = 2.5 V
Transient response
(See Notes 1, 2)
150 mV max. deviation
30 µs recovery within
regulation band
OUTPUT SPECIFICATIONS
Efficiency
Vin=5 V, Vo=2.5 V, lo=20 A
94% Typ.
Switching frequency
Fixed
500 kHz
Approvals and
standards (pending)
EN60950
UL/cUL60950
Material flammability
UL94V-0
Weight
17 g/0.06 oz.
MTBF
12 V @ 40 °C
100% load
Bellcore 332
6,749,409 hours
Coplanarity
150 µm
GENERAL SPECIFICATIONS
Thermal performance
(See Note 5)
Operating ambient,
temperature
Non-operating
0 °C to +70 °C
-40 °C to +125 °C
ENVIRONMENTAL SPECIFICATIONS
INPUT SPECIFICATIONS
Input voltage range
4.5-13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
(See Note 3)
25 A @ Io max.
Start-up time
Remote ON/OFF
3 ms
Short-circuit
Hiccup, non-latching
Over voltage
Hiccup, non-latching
PROTECTION
Input capacitance
(See Note 6)
0 µF
Output capacitance
(See Note 7)
0 µF
RECOMMENDED SYSTEM CAPACITANCE
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 File No. TBD
TÜV Product Service (EN60950) Certificate No. TBD
CB report and certificate to IEC60950
International Safety Standard Approvals


Similar Part No. - SIL20C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C2-00SADJ-VJ ARTESYN-SIL20C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C2-00SADJ-VJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2-00SADJ-VJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-VJ Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL20C2-00SADJ-VJ ARTESYN-SIL20C2-00SADJ-VJ Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
More results

Similar Description - SIL20C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL40C2 EMERSON-NETWORKPOWER-SIL40C2 Datasheet
313Kb / 5P
   4.5-13.8 Vin Single C-Class Non-Isolated
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com