Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1353G-133AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1353G-133AXI
Description  4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353G-133AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1353G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1353G-133AXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRELIMINARY
CY7C1353G
Document #: 38-05515 Rev. *A
Page 9 of 13
tCLZ
Clock to Low-Z[14, 15, 16]
0
0
0
ns
tCHZ
Clock to High-Z[14, 15, 16]
3.5
3.5
3.5
ns
tOEV
OE LOW to Output Valid
3.5
3.5
3.5
ns
tOELZ
OE LOW to Output Low-Z[14, 15, 16]
0
0
0
ns
tOEHZ
OE HIGH to Output High-Z[14, 15, 16]
3.5
3.5
3.5
ns
Set-up Times
tAS
Address Set-up Before CLK Rise
1.5
2.0
2.0
ns
tALS
ADV/LD Set-up Before CLK Rise
1.5
2.0
2.0
ns
tWES
WE, BWX Set-Up Before CLK Rise
1.5
2.0
2.0
ns
tCENS
CEN Set-up Before CLK Rise
1.5
2.0
2.0
ns
tDS
Data Input Set-up Before CLK Rise
1.5
2.0
2.0
ns
tCES
Chip Enable Set-up Before CLK Rise
1.5
2.0
2.0
ns
Hold Times
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
ns
tALH
ADV/LD Hold after CLK Rise
0.5
0.5
0.5
ns
tWEH
WE, BWX Hold After CLK Rise
0.5
0.5
0.5
ns
tCENH
CEN Hold After CLK Rise
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.5
0.5
0.5
ns
Switching Characteristics Over the Operating Range (continued)[17, 18]
Parameter
Description
133 MHz
117 MHz
100 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY7C1353G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G-133AXI CYPRESS-CY7C1353G-133AXI Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1353G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com