Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4019BE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4019BE
Description  CMOS Quad AND/OR Select Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4019BE Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4019BE Datasheet HTML 3Page - Texas Instruments CD4019BE Datasheet HTML 4Page - Texas Instruments CD4019BE Datasheet HTML 5Page - Texas Instruments CD4019BE Datasheet HTML 6Page - Texas Instruments CD4019BE Datasheet HTML 7Page - Texas Instruments CD4019BE Datasheet HTML 8Page - Texas Instruments CD4019BE Datasheet HTML 9Page - Texas Instruments CD4019BE Datasheet HTML 10Page - Texas Instruments CD4019BE Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4019BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4019BE TI1-CD4019BE Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BEE4 TI1-CD4019BEE4 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results

Similar Description - CD4019BE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com