Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH245AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVCH245AD
Description  Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH245AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVCH245AD Datasheet HTML 6Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 7Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 8Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 9Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 10Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 11Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 12Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 13Page - NXP Semiconductors 74LVCH245AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 May 07
10
Philips Semiconductors
Product specification
Octal bus transceiver with direction pin with 5 V tolerant
input/outputs (3-state)
74LVC245A;
74LVCH245A
AC WAVEFORMS
handbook, halfpage
MNA176
An, Bn input
Bn, An output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.5 The inputs An,Bn to outputs Bn,An propagation delays.
VM = 1.5 V at VCC ≥ 2.7 V.
VM = 0.5VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.6 3-state enable and disable times.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5VCC at VCC < 2.7 V;
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.1 V at VCC < 2.7 V;
VY =VOH − 0.3 V at VCC ≥ 2.7 V;
VY =VOH − 0.1 V at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.


Similar Part No. - 74LVCH245AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH245AD NXP-74LVCH245AD Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVCH245AD NEXPERIA-74LVCH245AD Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
logo
NXP Semiconductors
74LVCH245AD-Q100 NXP-74LVCH245AD-Q100 Datasheet
243Kb / 16P
   Octal bus transceiver; 3-state
Rev. 1-3 September 2012
logo
Nexperia B.V. All right...
74LVCH245AD-Q100 NEXPERIA-74LVCH245AD-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
logo
NXP Semiconductors
74LVCH245ADB NXP-74LVCH245ADB Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
More results

Similar Description - 74LVCH245AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com