Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3836L30-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3836L30-Q1
Description  NANOPOWER SUPERVIDORY CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3836L30-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3836L30-Q1 Datasheet HTML 3Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 4Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 5Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 6Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 7Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 8Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 9Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 10Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPS3836E18Q1 / J25Q1 / H30Q1 / L30Q1 / K33Q1
TPS3837E18Q1 / J25Q1 / L30Q1 / K33Q1, TPS3838E18Q1 / J25Q1 / L30Q1 / K33Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141 – DECEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements at RL = 1 MΩ, CL = 50 pF, TA = 25_C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at VDD
VIH = VIT + 0.2 V,
VIL = VIT – 0.2 V
6
µs
tw
Pulse width
at MR
VDD ≥ VIT + 0.2 V,
VIL = 0.3 × VDD,
VIH = 0.7 × VDD
1
µs
switching characteristics at RL = 1 MΩ, CL = 50 pF, TA = 25_C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Delay time
VDD ≥ VIT + 0.2 V,
MR = 0.7
× VDD,
CT = GND,
See timing diagram
5
10
15
ms
td
Delay time
VDD ≥ VIT + 0.2 V,
MR = 0.7
× VDD,
CT = VDD ,
See timing diagram
100
200
300
ms
tPHL Propagation (delay) time, high-to-low-level output
VDD to RESET delay
(TPS3836 TPS3838)
VIL = VIT – 0.2 V,
VIH = VIT + 0.2 V
10
µs
tPHL Pro agation (delay) time, high to low level out ut
(TPS3836, TPS3838)
VIL = 1.6 V
50
µs
tPLH Propagation (delay) time, low-to-high-level output
VDD to RESET delay
(TPS3837)
VIL = VIT – 0.2 V,
VIH = VIT + 0.2 V
10
µs
tPLH Pro agation (delay) time, low to high level out ut
(TPS3837)
VIL = 1.6 V
50
µs
tPHL Propagation (delay) time, high-to-low-level output
MR to RESET delay
(TPS3836, TPS3838)
VDD ≥ VIT + 0.2 V,
VIL = 0.3 × VDD,
0.1
µs
tPLH Propagation (delay) time, low-to-high-level output
MR to RESET delay
(TPS3837)
VIL = 0.3 × VDD,
VIL = 0.7 × VDD
0.1
µs
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IDD
Supply current
vs Supply voltage
1
IMR
Manual reset current
vs Manual reset voltage
2
VOL
Low-level output voltage
vs Low-level output current
3
VOH
High-level output voltage
vs High-level output current
4
Normalized reset threshold voltage
vs Free-air temperature
5
Minimum pulse duration at VDD
vs VDD Threshold overdrive
6


Similar Part No. - TPS3836L30-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836L30-Q1 TI1-TPS3836L30-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - TPS3836L30-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18-Q1 TI1-TPS3836E18-Q1_16 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com