Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV164PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV164PW
Description  8-bit serial-in/parallel-out shift register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV164PW Datasheet HTML 1Page - NXP Semiconductors 74LV164PW Datasheet HTML 2Page - NXP Semiconductors 74LV164PW Datasheet HTML 3Page - NXP Semiconductors 74LV164PW Datasheet HTML 4Page - NXP Semiconductors 74LV164PW Datasheet HTML 5Page - NXP Semiconductors 74LV164PW Datasheet HTML 6Page - NXP Semiconductors 74LV164PW Datasheet HTML 7Page - NXP Semiconductors 74LV164PW Datasheet HTML 8Page - NXP Semiconductors 74LV164PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV164
8-bit serial-in/parallel-out shift register
1998 May 07
3
PIN CONFIGURATION
SV00381
Dsa
Dsb
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LOGIC SYMBOL
Q0
CP
Q1
Q2
MR
Q3
Q4
Q5
Q6
Q7
Dsa
Dsb
1
8
2
9
3
4
5
6
10
11
12
13
SV00382
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1,2
Dsa, Dsb
Data inputs
3, 4, 5, 6,
10, 11,
12, 13
Q0 to Q7
Outputs
7
GND
Ground (0V)
8
CP
Clock input (LOW-to-HIGH, edge-trig-
gered)
9
MR
Master reset input (active LOW)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00383
SRG8
C1/
R
&
1D
8
9
1
2
3
4
5
6
10
11
12
13


Similar Part No. - 74LV164PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV164PW NEXPERIA-74LV164PW Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164PW-Q100 NEXPERIA-74LV164PW-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Similar Description - 74LV164PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com