Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4354AIPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354AIPWRG4
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4354AIPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4354AIPWRG4 Datasheet HTML 7Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 8Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 9Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 10Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 11Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 12Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 13Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 14Page - Texas Instruments OPA4354AIPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
11
APPLICATIONS INFORMATION
The OPA354 is a CMOS, rail-to-rail I/O, high-speed,
voltage-feedback operational amplifier designed for video,
high-speed, and other applications. It is available as a
single, dual, or quad op amp.
The amplifier features a 100MHz gain bandwidth, and
150V/
µs slew rate, but it is unity-gain stable and can be
operated as a +1V/V voltage follower.
OPERATING VOLTAGE
The OPA354 is specified over a power-supply range of
+2.7V to +5.5V (
±1.35V to ±2.75V). However, the supply
voltage may range from +2.5V to +5.5V (
±1.25V to
±2.75V). Supply voltages higher than 7.5V (absolute
maximum) can permanently damage the amplifier.
Parameters that vary over supply voltage or temperature
are shown in the typical characteristics section of this data
sheet.
RAIL-TO-RAIL INPUT
The specified input common-mode voltage range of the
OPA354 extends 100mV beyond the supply rails. This is
achieved
with
a
complementary
input
stage
an
N-channel input differential pair in parallel with a
P-channel differential pair, as shown in Figure 1. The
N-channel pair is active for input voltages close to the
positive rail, typically (V+) − 1.2V to 100mV above the
positive supply, while the P-channel pair is on for inputs
from 100mV below the negative supply to approximately
(V+) − 1.2V. There is a small transition region, typically
(V+) − 1.5V to (V+) − 0.9V, in which both pairs are on. This
600mV transition region can vary
±500mV with process
variation. Thus, the transition region (both input stages on)
can range from (V+) − 2.0V to (V+) − 1.5V on the low end,
up to (V+) − 0.9V to (V+) − 0.4V on the high end.
A double-folded cascode adds the signal from the two
input pairs and presents a differential signal to the class AB
output stage.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors
is used to achieve rail-to-rail output. For high-impedance
loads (> 200
Ω), the output voltage swing is typically
100mV from the supply rails. With 10
Ω loads, a useful
output swing can be achieved while maintaining high
open-loop gain. See the typical characteristic curve Output
Voltage Swing vs Output Current.
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V
(Ground)
V+
Reference
Current
Figure 1. Simplified Schematic


Similar Part No. - OPA4354AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AIPWRG4 TI1-OPA4354AIPWRG4 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA4354AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com