Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6975DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6975DQ
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6975DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6975DQ Datasheet HTML 1Page - Vishay Siliconix SI6975DQ Datasheet HTML 2Page - Vishay Siliconix SI6975DQ Datasheet HTML 3Page - Vishay Siliconix SI6975DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6975DQ
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71319
S-02318—Rev. A, 23-Oct-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –5 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = –9.6 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –9.6 V, VGS = 0 V, TJ = 70_C
–25
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–20
A
VGS = –4.5 V, ID = –5.1 A
0.022
0.027
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –4.5 A
0.028
0.035
W
DS(on)
VGS = –1.8 V, ID = –3.9 A
0.037
0.046
W
Forward Transconductancea
gfs
VDS = –5 V, ID = –5.1 A
20
S
Diode Forward Voltagea
VSD
IS = –1.0 A, VGS = 0 V
–0.65
–1.1
V
Dynamicb
Total Gate Charge
Qg
23
30
Gate-Source Charge
Qgs
VDS = –6 V, VGS = –4.5 V, ID = –5.1 A
3.0
nC
Gate-Drain Charge
Qgd
4.3
Turn-On Delay Time
td(on)
25
40
Rise Time
tr
VDD = –6 V, RL = 6 W
32
50
Turn-Off Delay Time
td(off)
VDD = –6 V, RL = 6 W
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
96
140
ns
Fall Time
tf
62
95
Source-Drain Reverse Recovery Time
trr
IF = –1.0 A, di/dt = 100 A/ms
60
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
TC = –55_C
125
_C
25
_C
Transfer Characteristics
VGS – Gate-to-Source Voltage (V)
0
6
12
18
24
30
0
2468
10
VGS = 5 thru 2.5 V
Output Characteristics
VDS – Drain-to-Source Voltage (V)
2 V
0.5, 1 V
1.5 V


Similar Part No. - SI6975DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6975DQ VISHAY-SI6975DQ Datasheet
222Kb / 10P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 02-Jun-08
SI6975DQ-T1-E3 VISHAY-SI6975DQ-T1-E3 Datasheet
222Kb / 10P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 02-Jun-08
More results

Similar Description - SI6975DQ

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com