Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F040B45P3T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29F040B45P3T
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F040B45P3T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29F040B45P3T Datasheet HTML 7Page - STMicroelectronics M29F040B45P3T Datasheet HTML 8Page - STMicroelectronics M29F040B45P3T Datasheet HTML 9Page - STMicroelectronics M29F040B45P3T Datasheet HTML 10Page - STMicroelectronics M29F040B45P3T Datasheet HTML 11Page - STMicroelectronics M29F040B45P3T Datasheet HTML 12Page - STMicroelectronics M29F040B45P3T Datasheet HTML 13Page - STMicroelectronics M29F040B45P3T Datasheet HTML 14Page - STMicroelectronics M29F040B45P3T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M29F040B
Figure 7. AC Testing Input Output Waveform
AI01275B
3V
High Speed
0V
1.5V
2.4V
Standard
0.45V
2.0V
0.8V
Figure 8. AC Testing Load Circuit
AI03027
1.3V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Table 9. Capacitance
(TA = 25 °C, f = 1 MHz)
Note: Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Table 8. AC Measurement Conditions
Parameter
M29F040B
45 / 55
70 / 90
AC Test Conditions
High Speed
Standard
Load Capacitance (CL)
30pF
100pF
Input Rise and Fall Times
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0.45 to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V


Similar Part No. - M29F040B45P3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040B STMICROELECTRONICS-M29F040B Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
More results

Similar Description - M29F040B45P3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
   4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com