Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT73-2CS15DC24V0.45 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT73-2CS15DC24V0.45
Description  Small size, light weight, heavy reverse power. / Low coil power consumption.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT73-2CS15DC24V0.45 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT73-2CS15DC24V0.45 Datasheet HTML 1Page - DB Lectro Inc NT73-2CS15DC24V0.45 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight, heavy reverse power.
Low coil power consumption.
PC board mounting.
Suitable for automation control, telecommunication equipment, household electrical appliance and machinery electrical
facilities.
Ordering Information
NT73-2
C
S
10
DC12V
0.36
1
2
3
4
5
6
1 Part number:NT73-2
2 Contact arrangement:A:1A;B:1B;C:1C
3 Enclosure:S: Sealed type;NIL: Dust cover
4 Contact rating:5A,10A,12A,15A/125VAC 28VDC;6A/277VAC
20A/125VAC 16VDC10A/250VAC(0.8W)
;T
üV:6A/250VAC 28VDC
5 Coil rated Voltage(V):DC:3,5,6,9,12,24,48
6 Coil power consumption:0.36:0.36W;0.45:0.45W;0.8:0.8W
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC f1C SPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2
Contact Rating (resistive)
5A,6A,10A,12A,15A/125VAC,28VDC;20A/125VAC,16VDC;
6A/277VAC;10A/250VAC
T
üV : 6A/250VAC, 28VDC (15A 0.4W ; 20A 0.8W coil only )
Motor load: 1/3HP 125VAC ; 1/3HP 277VAC
Max. Switching Power
420W
2500VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumpti
on
W
Operate
Time
ms
Release
Time
ms
003-360
3
3.9
25
2.25
0.3
005-360
5
6.5
70
3.75
0.5
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
024-360
24
31.2
1600
18.0
2.4
048-360
48
62.4
6400
36.0
4.8
0.36
10
5
003-450
3
3.9
20
2.25
0.3
005-450
5
6.5
55.6
3.75
0.5
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
024-450
24
31.2
1280
18.0
2.4
048-450
48
62.4
5120
36.0
4.8
0.45
10
5
003-800
3
3.9
11
2.25
0.3
005-800
5
6.5
31
3.75
0.5
006-800
6
7.8
45
4.50
0.6
009-800
9
11.7
101
6.75
0.9
012-800
12
15.6
180
9.00
1.2
024-800
24
31.2
720
18.0
2.4
048-800
48
62.4
2880
36.0
4.8
0.80
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
81
NT73 -2
19.5
×15.3×15.3
E158859
LR814321
R9858271
Patent No.:
95 2 18643.8
CH0050406—2000
www.dblectro.com


Similar Part No. - NT73-2CS15DC24V0.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT73-2CS15DC24V DBLECTRO-NT73-2CS15DC24V Datasheet
575Kb / 2P
   Low coil power consumption
More results

Similar Description - NT73-2CS15DC24V0.45

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZX-18FF2B HUAXINAN-JZX-18FF2B Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com