Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2354AIDDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2354AIDDA
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2354AIDDA Datasheet(HTML) 1 Page - Texas Instruments

  OPA2354AIDDA Datasheet HTML 1Page - Texas Instruments OPA2354AIDDA Datasheet HTML 2Page - Texas Instruments OPA2354AIDDA Datasheet HTML 3Page - Texas Instruments OPA2354AIDDA Datasheet HTML 4Page - Texas Instruments OPA2354AIDDA Datasheet HTML 5Page - Texas Instruments OPA2354AIDDA Datasheet HTML 6Page - Texas Instruments OPA2354AIDDA Datasheet HTML 7Page - Texas Instruments OPA2354AIDDA Datasheet HTML 8Page - Texas Instruments OPA2354AIDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FEATURES
D UNITY-GAIN BANDWIDTH: 250MHz
D WIDE BANDWIDTH: 100MHz GBW
D HIGH SLEW RATE: 150V/µs
D LOW NOISE: 6.5nV/√Hz
D RAIL-TO-RAIL I/O
D HIGH OUTPUT CURRENT: > 100mA
D EXCELLENT VIDEO PERFORMANCE:
Diff Gain: 0.02%, Diff Phase: 0.09
5
0.1dB Gain Flatness: 40MHz
D LOW INPUT BIAS CURRENT: 3pA
D QUIESCENT CURRENT: 4.9mA
D THERMAL SHUTDOWN
D SUPPLY RANGE: 2.5V to 5.5V
D MicroSIZE AND PowerPAD PACKAGES
APPLICATIONS
D VIDEO PROCESSING
D ULTRASOUND
D OPTICAL NETWORKING, TUNABLE LASERS
D PHOTODIODE TRANSIMPEDANCE AMPS
D ACTIVE FILTERS
D HIGH-SPEED INTEGRATORS
D ANALOG-TO-DIGITAL (A/D) CONVERTER
INPUT BUFFERS
D DIGITAL-TO-ANALOG (D/A) CONVERTER
OUTPUT AMPLIFIERS
D BARCODE SCANNERS
D COMMUNICATIONS
PowerPAD is a trademark of Texas Instruments.
DESCRIPTION
The OPA354 series of high-speed, voltage-feedback
CMOS operational amplifiers are designed for video and
other applications requiring wide bandwidth. They are
unity-gain stable and can drive large output currents.
Differential gain is 0.02% and differential phase is 0.09
°.
Quiescent current is only 4.9mA per channel.
The OPA354 series op amps are optimized for operation
on single or dual supplies as low as 2.5V (
±1.25V) and up
to 5.5V (
±2.75V). Common-mode input range extends
beyond the supplies. The output swing is within 100mV of
the rails, supporting wide dynamic range.
For applications requiring the full 100mA continuous
output current, single and dual SO-8 PowerPAD versions
are available.
The single version (OPA354), is available in the tiny
SOT23-5 and SO-8 PowerPAD packages. The dual
version (OPA2354) comes in the miniature MSOP-8 and
SO-8 PowerPAD packages. The quad version (OPA4354)
is offered in TSSOP-14 and SO-14 packages.
Multichannel versions feature completely independent
circuitry for lowest crosstalk and freedom from interaction.
All are specified over the extended −40
°C to +125°C
temperature range.
OPAx354 RELATED PRODUCTS
FEATURES
PRODUCT
Shutdown Version of OPA354 Family
OPAx357
200MHz GBW, Rail-to-Rail Output, CMOS, Shutdown
OPAx355
200MHz GBW, Rail-to-Rail Output, CMOS
OPAx356
38MHz GBW, Rail-to-Rail Input/Output, CMOS
OPAx350/3
75MHz BW G = 2, Rail-to-Rail Output
OPAx631
150MHz BW G = 2, Rail-to-Rail Output
OPAx634
100MHz BW, Differential Input/Output, 3.3V Supply
THS412x
OPA354
V
OUT
V+
V
−In
+In
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
250MHz, Rail-to-Rail I/O, CMOS
OPERATIONAL AMPLIFIERS
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2354AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354AIDDA TI1-OPA2354AIDDA Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354AIDDAG3 TI1-OPA2354AIDDAG3 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354AIDDAR TI1-OPA2354AIDDAR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA2354AIDDARG3 TI1-OPA2354AIDDARG3 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA2354AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com