Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79925DDCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79925DDCRG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79925DDCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79925DDCRG4 Datasheet HTML 1Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 2Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 3Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS799xxDDC
TSOT23-5
(TOPVIEW)
OUT
NR
IN
GND
EN
1
2
3
5
4
TPS799xxYZU
WCSP
(TOPVIEW)
C3
C1
B2
A3
A1
OUT
EN
IN
GND
NR
GND
TPS79901YZU
WCSP
(TOPVIEW)
OUT
EN
IN
FB
C3
C1
B2
A3
A1
TPS79901DDC
TSOT23-5
(TOPVIEW)
OUT
FB
IN
GND
EN
1
2
3
5
4
TPS799xxDRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
NR
GND
1
2
3
GND
TPS79901DRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
FB
GND
1
2
3
GND
TPS799xx
SBVS056G – JANUARY 2005 – REVISED AUGUST 2006
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR
Low Dropout Linear Regulator
200mA Low Dropout Regulator with EN
The
TPS799xx
family
of
low-dropout
(LDO)
low-power
linear
regulators
offer
excellent
AC
Low IQ: 40µA
performance with very low ground current. High
Multiple Output Voltage Versions Available:
power-supply rejection ratio (PSRR), low noise, fast
– Fixed Outputs of 1.2V to 4.5V Using
start-up, and excellent line and load transient
Innovative Factory EEPROM Programming
response are provided while consuming a very low
40
µA (typical) ground current. The TPS799xx is
– Adjustable Outputs from 1.20V to 6.5V
stable
with
ceramic
capacitors
and
uses
an
High PSRR: 66dB at 1kHz
advanced BiCMOS fabrication process to yield
Ultra-low Noise: 29.5
µV
RMS
dropout voltage typically 100mV at 200mA output.
The TPS799xx uses a precision voltage reference
Fast Start-Up Time: 45
µs
and feedback loop to achieve overall accuracy of 2%
Stable with a Low-ESR, 2.0
µF Typical Output
over
all
load,
line,
process,
and
temperature
Capacitance
variations. It is fully specified from TJ = –40°C to
Excellent Load/Line Transient Response
+125
°C and is offered in low profile ThinSOT23,
Wafer Chip-Scale (WCSP), and 2mm
× 2mm SON
2% Overall Accuracy (Load/Line/Temp)
packages, ideal for wireless handsets and WLAN
Very Low Dropout: 100mV
cards.
ThinSOT-23, WCSP, and 2mm
× 2mm SON-6
Packages
Cellular Phones
Wireless LAN, Bluetooth™
VCOs, RF
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79925DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79925DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com