Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA354AIDDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AIDDA
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA354AIDDA Datasheet(HTML) 4 Page - Texas Instruments

  OPA354AIDDA Datasheet HTML 1Page - Texas Instruments OPA354AIDDA Datasheet HTML 2Page - Texas Instruments OPA354AIDDA Datasheet HTML 3Page - Texas Instruments OPA354AIDDA Datasheet HTML 4Page - Texas Instruments OPA354AIDDA Datasheet HTML 5Page - Texas Instruments OPA354AIDDA Datasheet HTML 6Page - Texas Instruments OPA354AIDDA Datasheet HTML 7Page - Texas Instruments OPA354AIDDA Datasheet HTML 8Page - Texas Instruments OPA354AIDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V Single-Supply
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25
°C, RF = 0Ω , RL = 1kΩ, and connected to VS/2, unless otherwise noted.
OPA354AI
OPA2354AI, OPA4354AI
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V
±2
±8
mV
Specified Temperature Range
+10
mV
vs Temperature
dVOS/dT
Specified Temperature Range
+4
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = (VS/2) − 0.15V
±200
±800
µV/V
Specified Temperature Range
±900
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
3
±50
pA
Input Offset Current
IOS
±1
±50
pA
NOISE
Input Voltage Noise Density
en
f = 1MHz
6.5
nV/
√Hz
Current Noise Density
in
f = 1MHz
50
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, −0.1V < VCM < +3.5V
66
80
dB
Specified Temperature Range
64
dB
VS = +5.5V, −0.1V < VCM < +5.6V
56
68
dB
Specified Temperature Range
55
dB
INPUT IMPEDANCE
Differential
1013 || 2
|| pF
Common-Mode
1013 || 2
|| pF
OPEN-LOOP GAIN
AOL
VS = +5V, +0.3V < VO < +4.7V
94
110
dB
Specified Temperature Range
VS = +5V, +0.4V < VO < +4.6V
90
dB
FREQUENCY RESPONSE
Small-Signal Bandwidth
f−3dB
G = +1, VO = 100mVPP, RF = 25Ω
250
MHz
f−3dB
G = +2, VO = 100mVPP
90
MHz
Gain-Bandwidth Product
GBW
G = +10
100
MHz
Bandwidth for 0.1dB Gain Flatness
f0.1dB
G = +2, VO = 100mVPP
40
MHz
Slew Rate
SR
VS = +5V, G = +1, 4V Step
150
V/
µs
VS = +5V, G = +1, 2V Step
130
V/
µs
VS = +3V, G = +1, 2V Step
110
V/
µs
Rise-and-Fall Time
G = +1, VO = 200mVPP, 10% to 90%
2
ns
G = +1, VO = 2VPP, 10% to 90%
11
ns
Settling Time, 0.1%
VS = +5V, G = +1, 2V Output Step
30
ns
0.01%
60
ns
Overload Recovery Time
VIN
S Gain = V
S
5
ns
Harmonic Distortion
2nd-Harmonic
G = +1, f = 1MHz, VO = 2VPP, RL = 200Ω, VCM = 1.5V
−75
dBc
3rd-Harmonic
G = +1, f = 1MHz, VO = 2VPP, RL = 200Ω, VCM = 1.5V
−83
dBc
Differential Gain Error
NTSC, RL = 150
0.02
%
Differential Phase Error
NTSC, RL = 150
0.09
degrees
Channel-to-Channel Crosstalk
OPA2354
f = 5MHz
−100
dB
OPA4354
−84
dB
(1) See typical characteristics Output Voltage Swing vs Output Current.
(2) Specified by design.


Similar Part No. - OPA354AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDDA TI1-OPA354AIDDA Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354AIDDAG3 TI1-OPA354AIDDAG3 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354AIDDAR TI1-OPA354AIDDAR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA354AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com