Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4067D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LV4067D
Description  16-channel analog multiplexer/demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4067D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LV4067D Datasheet HTML 7Page - NXP Semiconductors 74LV4067D Datasheet HTML 8Page - NXP Semiconductors 74LV4067D Datasheet HTML 9Page - NXP Semiconductors 74LV4067D Datasheet HTML 10Page - NXP Semiconductors 74LV4067D Datasheet HTML 11Page - NXP Semiconductors 74LV4067D Datasheet HTML 12Page - NXP Semiconductors 74LV4067D Datasheet HTML 13Page - NXP Semiconductors 74LV4067D Datasheet HTML 14Page - NXP Semiconductors 74LV4067D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
Product specification
74LV4067
16-channel analog multiplexer/demultiplexer
1998 Jun 23
11
AC CHARACTERISTICS (Continued)
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
CONDITION
–40 to +85
°C
–40 to +125
°C
SYMBOL
PARAMETER
VCC
(V)
OTHER
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
145
2.0
RL = 1kW
51
93
110
tPZH/tPZL
Turn-on time
2.7
RL = 1kW
CL = 50 pF
39
70
83
ns
tPZH/tPZL
E to Z
3.0 to 3.6
Figures 14
and 15
292
56
66
ns
4.5
and 15
26
48
56
6.0
20
36
43
1.2
170
2.0
RL = 1kW
58
109
131
tPZH/tPZL
Turn-on time
2.7
RL = 1kW
CL = 50 pF
42
80
96
ns
tPZH/tPZL
Sn to Yn
3.0 to 3.6
Figures 14
and 15
322
64
77
ns
4.5
and 15
29
54
65
6.0
21
42
50
1.2
145
2.0
RL = 1kW
51
93
110
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
38
69
82
ns
tPHZ/tPLZ
E to Z
3.0 to 3.6
Figures 14
and 15
302
56
66
ns
4.5
and 15
29
48
56
6.0
21
37
44
1.2
160
2.0
RL = 1kW
56
104
124
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
42
77
92
ns
tPHZ/tPLZ
Sn to Yn
3.0 to 3.6
Figures 14
and 15
322
62
74
ns
4.5
and 15
29
53
61
6.0
23
41
49
NOTES:
1.
Unless otherwise stated, all typical values are measured at Tamb = 25°C
2.
Typical values are measured at VCC = 3.3 V.


Similar Part No. - 74LV4067D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
logo
NXP Semiconductors
74LV4060D PHILIPS-74LV4060D Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results

Similar Description - 74LV4067D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com