Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX30N50Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX30N50Q
Description  HiPerFET Power MOSFETs Q-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX30N50Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX30N50Q Datasheet HTML 1Page - IXYS Corporation IXFX30N50Q Datasheet HTML 2Page - IXYS Corporation IXFX30N50Q Datasheet HTML 3Page - IXYS Corporation IXFX30N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
30N50Q
30
A
32N50Q
32
A
I
DM
T
C
= 25
°C,
30N50Q
120
A
32N50Q
128
A
pulse width limited by T
JM
I
AR
T
C
= 25
°C
32
A
E
AR
T
C
= 25
°C
45
mJ
E
AS
1500
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
416
W
T
J
-55 ... + 150
°C
T
JM
150
°C
T
stg
-55 ... + 150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Features
l IXYS advanced low Q
g process
l Low gate charge and capacitances
- easier to drive
- faster switching
l International standard packages
l Low R
DS (on)
l Unclamped Inductive Switching (UIS)
rated
l Molding epoxies meet UL 94 V-0
flammability classification
Advantages
l PLUS 247TM package for clip or spring
mounting
l Space savings
l High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 uA
500
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.5
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C
100
µA
V
GS
= 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
32N50Q
0.15
Note 1
30N50Q
0.16
HiPerFETTM
Power MOSFETs
Q-Class
PLUS 247TM
(IXFK)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
98604D (06/02)
V
DSS
I
D25
R
DS(on)
500 V 30 A 0.16
500 V 32 A 0.15
t
rr
≤≤≤≤ 250 ns
IXFK/IXFX 30N50Q
IXFK/IXFX 32N50Q


Similar Part No. - IXFX30N50Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX30N50 ISC-IXFX30N50 Datasheet
367Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX30N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
   HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com