Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-KB25-B0000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-KB25-B0000
Description  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-KB25-B0000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-KB25-B0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-KB25-B0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-KB25-B0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-KB25-B0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-KB25-B0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-KB25-B0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CAUTION: Devices are Class II ESD sensitive. Please observe appropriate precautions during handling
and processing. Refer to Application Note AN-1142 for additional details.
HLMP-DB25-B00xx
HLMP-KB45-A00xx
T-13/4 (5 mm), T-1 (3 mm)
Blue LED Lamps
Technical Data
Features
• Popular T-13/4 and T-1
Diameter Packages
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
• Binned for Color and
Intensity
Applications
• Status Indicators
• Small Message Panel
• Running and Decorative
Lights for Commercial Use
Description
These blue LEDs are designed in
industry standard T-1 and T-13/4
package with clear and non
diffused optics. They are also
available in tape and reel, and
ammo-pack option for ease of
handling and use.
These blue lamps are ideal for
use as indicators and for general
purpose lighting. Blue lamps
offer color differentiation as blue
is attractive and not widely
available.
Package Dimensions
6.10 (0.240)
5.59 (0.220)
23.0
(0.90)
MIN.
0.45 (0.018)
SQUARE NOMINAL
2.54 (0.100)
NOM.
CATHODE
1.27 (0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
9.19 (0.352)
8.43 (0.332)
5.08 (0.200)
4.57 (0.180)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS.
HLMP-DB25
1.02 (0.040)
NOM.
3.43 (0.135)
2.92 (0.115)
23.0
(0.90)
MIN.
4.70 (0.185)
4.19 (0.165)
3.18 (0.125)
2.67 (0.105)
2.54 (0.100) NOM.
1.27 (0.050)
NOM.
6.35 (0.250)
5.58 (0.220)
0.45 (0.018)
SQUARE NOM.
CATHODE
HLMP-KB45


Similar Part No. - HLMP-KB25-B0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KB45 AVAGO-HLMP-KB45 Datasheet
259Kb / 8P
   General purpose leads
HLMP-KB45-A0000 AVAGO-HLMP-KB45-A0000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HLMP-KB25-B0000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com