Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-0984 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-0984
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-0984 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HDSP-0984 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-0984 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Bin Category
Min. (mcd)
Max. (mcd)
Condition
A
0.065
0.102
B
0.085
0.138
C
0.114
0.200
D
0.165
0.300
E
0.260
0.488
F
0.403
0.756
G
0.625
1.172
Intensity Bin Limits for HDSP-078x Series
Luminous
Intensity
per LED.
VDD @ 5.0 V
Bin Category
Min. (mcd)
Max. (mcd)
Condition
A
0.22
0.34
B
0.28
0.46
C
0.38
0.66
D
0.55
0.99
E
0.82
1.54
F
1.27
2.39
Intensity Bin Limits for HDSP-088x Series
Luminous
Intensity
per LED.
VDD @ 5.0 V
Electrical Characteristics
TA = –55°C to +100°C
Device
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
HDSP-0783
Power Dissipation
PT
IF = 2.8 mA
72
mW
IF = 8 mA
224
282
Forward Voltage per LED
VF
IF = 2.8 mA
1.6
V
IF = 8 mA
1.75
2.2
HDSP-0883
Power Dissipation
PT
IF = 8 mA
237
282
mW
(All LEDs Illuminated)
Forward Voltage per LED
VF
1.90
2.2
V
HDSP-0883
Power Dissipation
PT
IF = 8 mA
243
282
mW
(All LEDs Illuminated)
Forward Voltage per LED
VF
1.85
2.2
V
(All LEDs Illuminated)
Bin Category
Min. (mcd)
Max. (mcd)
Condition
E
0.260
0.488
F
0.403
0.756
G
0.625
1.172
H
0.969
1.820
Intensity Bin Limits for HDSP-079x Series
Luminous
Intensity
per LED.
VDD @ 5.0 V
Bin Category
Min. (mcd)
Max. (mcd)
Condition
C
0.30
0.52
D
0.43
0.79
E
0.65
1.18
F
0.97
1.76
G
1.45
2.63
Intensity Bin Limits for HDSP-098x Series
Luminous
Intensity
per LED.
VDD @ 5.0 V


Similar Part No. - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0984 AVAGO-HDSP-0984 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0984 AVAGO-HDSP-0984 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com