Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU601 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBU601
Description  Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU601 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBU601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 661 -
RATINGS AND CHARACTERISTIC CURVES (GBU601 THRU
)
GBU607
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
5
100
CASE TEMPERATURE. ( C)
o
FIG.2-MAXIMUM FORWARD CURRENT DERATING
CURVE
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
50
20
10
2
0
2
4
6
25
50
75
125
100
150
175
0
100
50
150
4.0
20
40
100
10
2.0
1.0
0.4
0.2
0
0.01
0.1
10
100
500
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
20
40
60
80
100
INSTANTANEOUSFORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=150 C
8.3ms Single Half Sine Wave
Tj=25 C
0
Pulse Width=300 s
1% Duty Cycle
m
Tj=25 C
0
Tj=125 C
0
50-400V
600-1000V
HEAT-SINK MOUNTG
2" x 3" x 0.25" AI-PLATE
0


Similar Part No. - GBU601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU601 DIODES-GBU601 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
Guangdong Juxing Electr...
GBU601 JUXING-GBU601 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBU601 LUGUANG-GBU601 Datasheet
193Kb / 2P
   Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
GBU601 CHONGQING-GBU601 Datasheet
205Kb / 2P
   SINGLE PHASE6.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU601 DIODES-GBU601 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
More results

Similar Description - GBU601

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com