Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70810TF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V70810TF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70810TF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V70810TF Datasheet HTML 6Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 7Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 8Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 9Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 10Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 11Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 12Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 13Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V70810 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
0123
4
5
6
7
8
9
10
11
12
13
14
15
16
ST-BUSFrame
CLK
Offset Value
FE Input
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GCI Frame
CLK
Offset Value
FE Input
(FD[10:0] = 06H)
(FD11 = 0, sample at CLK LOW phase)
(FD[10:0] = 09H)
(FD11 = 1, sample at CLK HIGH phase)
5710 drw04
TABLE 7 — FRAME ALIGNMENT REGISTER (FAR) BITS
Figure 4. Example for Frame Alignment Measurement
Bit
Name
Description
15-13
Unused
Must be zero for normal operation.
12
CFE
When CFE = 1, the frame evaluation is completed and bits FD10 to FD0 bits contains a valid frame alignment
(Complete Frame Evaluation)
offset. This bit is reset to zero, when SFE bit in the IMS register is changed from 1 to 0.
11
FD11
The falling edge of FE (or rising edge for GCI mode) is sampled during the CLK-high phase (FD11 = 1)
(Frame Delay Bit 11)
or during the CLK-low phase (FD11 = 0). This bit allows the measurement resolution to ½ CLK cycle.
10-0
FD10-0
The binary value expressed in these bits refers to the measured input offset value. These bits are rest to
(Frame Delay Bits)
zero when the SFE bit of the IMS register changes from 1 to 0. (FD10 – MSB, FD0 – LSB)
Read/Write Address:
02H,
Reset Value:
0000H.
15
14
13
12
11
10
9876543210
0
0
0
CFE
FD11
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0


Similar Part No. - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800PF IDT-IDT72V70800PF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800TF IDT-IDT72V70800TF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70210 IDT-IDT72V70210 Datasheet
119Kb / 19P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com