Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3R861 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS3R861
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH FLOW-THROUGH PINOUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3R861 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS3R861 Datasheet HTML 1Page - Integrated Device Technology IDTQS3R861 Datasheet HTML 2Page - Integrated Device Technology IDTQS3R861 Datasheet HTML 3Page - Integrated Device Technology IDTQS3R861 Datasheet HTML 4Page - Integrated Device Technology IDTQS3R861 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
IDTQS3R861
HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDTQS
XXXXX
XX
Package
Device Type
Blank
Industrial (-40°C to +85°C)
Small Outline IC
Quarter Size Outline Package
QSOP - Green
SO
Q
QG
3R861
High Speed CMOS 10-Bit Low Resistance Bus Switch
with Flow-Through Pinout
X
Process


Similar Part No. - IDTQS3R861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDTQS3R862Q IDT-IDTQS3R862Q Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDTQS3R862SQ IDT-IDTQS3R862SQ Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
More results

Similar Description - IDTQS3R861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32861 IDT-IDTQS32861 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS3861 IDT-IDTQS3861_13 Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Renesas Technology Corp
IDTQS3861 RENESAS-IDTQS3861 Datasheet
383Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
JANUARY 2013
logo
Integrated Device Techn...
IDTQS32XR862 IDT-IDTQS32XR862 Datasheet
104Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS3R384 IDT-IDTQS3R384 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
IDTQS32X861 IDT-IDTQS32X861 Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32X2861 IDT-IDTQS32X2861 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
logo
Renesas Technology Corp
IDTQS32X861 RENESAS-IDTQS32X861 Datasheet
399Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
JUNE 2011
logo
Integrated Device Techn...
QS3861PAG IDT-QS3861PAG Datasheet
218Kb / 5P
   HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com