Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3905 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3905 Datasheet HTML 4Page - National Semiconductor (TI) LP3905 Datasheet HTML 5Page - National Semiconductor (TI) LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) LP3905 Datasheet HTML 10Page - National Semiconductor (TI) LP3905 Datasheet HTML 11Page - National Semiconductor (TI) LP3905 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Functional Description (Continued)
DC/DC BUCK REGULATORS
The LP3905 Buck regulators are high efficiency step down
DC-DC switching converters used for delivering a constant
voltage from either a single Li-Ion or three cell NiMH/NiCd
battery to portable devices such as cell phones and PDAs.
Using a voltage mode architecture with synchronous rectifi-
cation, the Buck Regulators have the ability to deliver up to
600 mA depending on the input voltage, output voltage,
ambient temperature and the inductor chosen.
There are three modes of operation depending on the cur-
rent required - PWM, PFM, and shutdown. The standard
device operates in PWM mode at load currents of approxi-
mately 80 mA or higher, having voltage tolerance of ±4%
with 90% efficiency or better. Lighter load currents cause the
device to automatically switch into PFM for reduced current
consumption and a longer battery life. Shutdown mode turns
off the device, offering the lowest current consumption . A
fixed mode device is also available which is fixed in PWM
mode for both low and high load currents.
An adjustable voltage version is also avalable for which the
output voltage can be selected by using two external resis-
tors at each of the two buck outputs.
Additional features include soft-start, under voltage protec-
tion, current overload protection, and thermal shutdown pro-
tection.
The part uses an internal reference voltage of 0.5V. It is
recommended to keep the part in shutdown until the input
voltage is 3V or higher.
BUCK CONVERTER BLOCK DIAGRAM
CIRCUIT OPERATION
The LP3905 Buck regulators operate as follows. During the
first portion of each switching cycle, the control block in the
LP3905 turns on the internal PFET switch. This allows cur-
rent to flow from the input through the inductor to the output
filter capacitor and load. The inductor limits the current to a
ramp with a slope of (V
IN–VOUT)/L, by storing energy in a
magnetic field.
During the second portion of each cycle, the controller turns
the PFET switch off, blocking current flow from the input, and
then turns the NFET synchronous rectifier on. The inductor
draws current from ground through the NFET to the output
filter capacitor and load, which ramps the inductor current
down with a slope of - V
OUT/L.
The output filter stores charge when the inductor current is
high, and releases it when inductor current is low, smoothing
the voltage across the load.
The output voltage is regulated by modulating the PFET
switch on time to control the average current sent to the load.
The effect is identical to sending a duty-cycle modulated
rectangular wave formed by the switch and synchronous
20152918
FIGURE 7. Simplified Functional Diagram
www.national.com
8


Similar Part No. - LP3905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
LP3905SD-A3/NOPB TI1-LP3905SD-A3/NOPB Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
More results

Similar Description - LP3905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
   Power Management ICs for Handheld Device
logo
Texas Instruments
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
   Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com