Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT73AS12DC36VF Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT73AS12DC36VF
Description  Superminiature, High power. / Low coil power consumption.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT73AS12DC36VF Datasheet(HTML) 2 Page - DB Lectro Inc

  NT73AS12DC36VF Datasheet HTML 1Page - DB Lectro Inc NT73AS12DC36VF Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
250M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~85
’
Relative Humidity
93% (at 40
’)
IEC68-2-3Test Ca
Mass
10.5g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
CCEE
Load
10A/250VAC 28VDC
6A/277VAC
Insulation
B-class F-class
5A/250VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT73(JQC-3FC)
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.5
0.020
1.0
0.039
1.3
0.051
1.4
0.055
2.0
0.079
3.5
0.138
6
0.236
12
0.472
12.2
0.480
16.5
0.650
19.5
0.768
Mounting (Bottom views)
www.delectro.com


Similar Part No. - NT73AS12DC36VF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT73AS12DC36VF DBLECTRO-NT73AS12DC36VF Datasheet
522Kb / 2P
   Low coil power consumption
More results

Similar Description - NT73AS12DC36VF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71 DBLECTRO-NT71 Datasheet
293Kb / 2P
   Superminiature, low coil power consumption.
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
   Low coil power consumption.
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
   Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
   Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
   Low coil power consumption
logo
CIT Relay & Switch
J103 CIT-J103 Datasheet
112Kb / 3P
   Low coil power consumption
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
   Low coil power consumption
logo
DB Lectro Inc
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
   Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com