Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV139N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV139N
Description  Dual 2-to-4 line decoder/demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV139N Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV139N Datasheet HTML 1Page - NXP Semiconductors 74LV139N Datasheet HTML 2Page - NXP Semiconductors 74LV139N Datasheet HTML 3Page - NXP Semiconductors 74LV139N Datasheet HTML 4Page - NXP Semiconductors 74LV139N Datasheet HTML 5Page - NXP Semiconductors 74LV139N Datasheet HTML 6Page - NXP Semiconductors 74LV139N Datasheet HTML 7Page - NXP Semiconductors 74LV139N Datasheet HTML 8Page - NXP Semiconductors 74LV139N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV139
Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
0.9
0.9
V
HIGH level Input
VCC = 2.0 V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
V
VCC = 4.5 to 5.5 V
0.7
<VCC
0.7
<VCC
VCC = 1.2 V
0.3
0.3
V
LOW level Input
VCC = 2.0 V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3
<VCC
0.3
<VCC
VCC = 1.2 V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH l
l
t
t
VCC = 2.0 V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0 V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5 V; VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VO
HIGH level output
voltage;
VCC = 3.0 V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5 V; VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2 V; VI = VIH or VIL; IO = 100µA
0
LOW l
l
t
t
VCC = 2.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VO
LOW level output
voltage;
VCC = 3.0 V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5 V; VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5 V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Similar Part No. - 74LV139N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132 Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132 NXP-74LV132 Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
74LV132 NXP-74LV132 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
More results

Similar Description - 74LV139N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com