Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74LV138 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74LV138
Description  3-to-8 line decoder/multiplexer; inverting
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
Philips Semiconductors
Product specification
74LV138
3-to-8 line decoder/demultiplexer; inverting
1998 Apr 28
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
74AHC1383-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1373-to-8 line decoder/demultiplexer with address latches; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1373-to-8 line decoder demultiplexer with address latches inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1383-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
HTCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
74LVC138A3-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
CD74HC138High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting 1 2 3 4 5 MoreTexas Instruments
HCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS138TRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl