Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74LV138 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LV138
Description  3-to-8 line decoder/multiplexer; inverting
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
Philips Semiconductors
Product specification
74LV138
3-to-8 line decoder/demultiplexer; inverting
1998 Apr 28
6
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 500Ω
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
75
2.0
26
44
55
tPHL/tPLH
Propagation delay
An to Yn
Figures 1, 3
2.7
19
31
39
ns
An to Yn
3.0 to 3.6
152
26
32
4.5 to 5.5
3
17
22
1.2
75
2.0
26
43
53
tPHL/tPLH
Propagation delay
E3 to Yn
Figures 1, 3
2.7
19
30
38
ns
E3 to Yn
3.0 to 3.6
152
25
31
4.5 to 5.5
19
24
1.2
75
2.0
26
43
53
tPHL/tPLH
Propagation delay
En to Yn
Figures 2, 3
2.7
19
30
38
ns
En to Yn
3.0 to 3.6
152
25
31
4.5 to 5.5
19
24
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
3. Typical values are measured at VCC = 5.0 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VM = 0.5 V × VCC at VCC < 2.7 V and ≥ 4.5 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00528
VM
An, E3
INPUT
VCC
GND
VOL
VOH
Yn OUTPUT
VM
tPLH
tPHL
Figure 1.
Input (An) and enable input (E3) to output (Yn)
propagation delays.
SV00529
VM
E1, E2
INPUT
Yn OUTPUT
VM
tPLH
tPHL
VCC
GND
VOL
VOH
Figure 2.
Enable input (En) to output (Yn) propagation delays.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCTS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
74AHC1383-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1373-to-8 line decoder/demultiplexer with address latches; inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1373-to-8 line decoder demultiplexer with address latches inverting 1 2 3 4 5 MoreNXP Semiconductors
74HC1383-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
HTCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
74LVC138A3-to-8 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreNXP Semiconductors
CD74HC138High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting 1 2 3 4 5 MoreTexas Instruments
HCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS138TRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl