Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S553-2940-01 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S553-2940-01
Description  10BASE-TNETWORKCOMPONENTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-2940-01 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S553-2940-01 Datasheet HTML 1Page - Bel Fuse Inc. S553-2940-01 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
defining a degree of excellence
defining a degree of excellence
defining a degree of excellence
defining a degree of excellence
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
APPLICATION NOTES
APPLICATION CIRCUIT
• Bel has developed a variety of quad, 4-port part types for use with Level One and Texas Instrument quad, 4-port PHY
devices that incorporate digital filtering techniques within the silicon itself. Bel's "filterless magnetics" are optimized for
this specific application and create a very cost efficient design solution. Each Bel part type contains 4 channels of
transmit and receive transformers to provide for wave shaping, high voltage isolation and EMI noise suppression.
• Bel has designed these parts as a family of parts with common footprint and pinouts to enable the designer to
customize the use of common mode choke for optimum system performance.
• In multi-port system applications, good PCB layout and proper grounding techniques are very critical to achieve FCC
class A and B equipment approvals. Bel recommendations are available and can be provided by contacting our
engineering department or your local sales representative.
• Bel's low profile, surface mount packaging is ideal for high speed pick and place machinery. Parts can be shipped on
tape and reel for high speed placement. Construction processes have been implemented for thermal compatibility
with high temperature IR reflow assembly processing. Post dipping of leads assist with PC board solderability. Each
part is optically inspected to meet rigid coplanarity requirements.
• These parts have been optimized for PC board layouts utilizing stackable or "double decker" RJ-45 connectors, in
order to keep board traces short and straight.
960055A
10BASE-TNETWORKCOMPONENTS


Similar Part No. - S553-2940-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-2940-01 BEL-S553-2940-01 Datasheet
219Kb / 4P
   10BASE-T LAN MAGNETICS
More results

Similar Description - S553-2940-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-5841-03 BEL-S553-5841-03 Datasheet
340Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-18 BEL-S553-5999-18 Datasheet
537Kb / 4P
   10BASE-TNETWORKCOMPONENTS
0556-2006-A5 BEL-0556-2006-A5 Datasheet
453Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S553-5999-28 BEL-S553-5999-28 Datasheet
628Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S556-5999-29 BEL-S556-5999-29 Datasheet
246Kb / 2P
   10BASE-TNETWORKCOMPONENTS
A553-5999-00 BEL-A553-5999-00 Datasheet
306Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-08 BEL-S553-2940-08 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5841-22 BEL-S553-5841-22 Datasheet
548Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-52 BEL-S553-5999-52 Datasheet
245Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-05 BEL-S553-2940-05 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com