Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6036 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6036
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6036 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6036 Datasheet HTML 6Page - National Semiconductor (TI) LMC6036 Datasheet HTML 7Page - National Semiconductor (TI) LMC6036 Datasheet HTML 8Page - National Semiconductor (TI) LMC6036 Datasheet HTML 9Page - National Semiconductor (TI) LMC6036 Datasheet HTML 10Page - National Semiconductor (TI) LMC6036 Datasheet HTML 11Page - National Semiconductor (TI) LMC6036 Datasheet HTML 12Page - National Semiconductor (TI) LMC6036 Datasheet HTML 13Page - National Semiconductor (TI) LMC6036 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = 2.7V, single supply, TA =
25˚C (Continued)
Inverting Large Signal Response
Inverting Large Signal Response
01283027
01283028
Inverting Small Signal Response
Inverting Small Signal Response
01283029
01283030
Inverting Small Signal Response
Stability vs. Capacitive Load
01283031
01283038
www.national.com
10


Similar Part No. - LMC6036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6036 TI1-LMC6036 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6036IM TI1-LMC6036IM Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6036IM/NOPB TI1-LMC6036IM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
LMC6036IMT TI1-LMC6036IMT Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
LMC6036IMT/NOPB TI1-LMC6036IMT/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results

Similar Description - LMC6036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com