Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPAA3DC12V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NPAA3DC12V
Description  Low coil power consumption 0.12W. / PC board mounting, SIL terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NPAA3DC12V Datasheet(HTML) 2 Page - DB Lectro Inc

  NPAA3DC12V Datasheet HTML 1Page - DB Lectro Inc NPAA3DC12V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1000V
50Hz 2000V
Surge voltage:4kV
Item 6
of IEC255-5
Item 6 and 8 of IEC255-5
Shock resistance
Functional
147m/s
2 11ms
Survival
980m/s
2 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Functional
double amplitude 2.5mm
Survival
double amplitude
3.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’
Relative Humidity
5%~85% (at 40
’)
IEC68-2-3Test Ca
Mass
3g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NPA2
NPA
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NPA
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottom views)
mm
inch
0.25
0.010
0.3
0.012
0.5
0.020
0.8
0.031
1.1
0.046
1.2
0.047
1.3
0.051
2.54
0.100
3.5
0.138
5.0
0.197
5.08
0.200
10.16
0.300
12.5
0.504
20
0.787
www.dblectro.com


Similar Part No. - NPAA3DC12V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NPA HUAXINAN-NPA Datasheet
383Kb / 1P
   Small size, light weight
logo
List of Unclassifed Man...
NPA-100 ETC1-NPA-100 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100 ETC2-NPA-100 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100B-010WD ETC1-NPA-100B-010WD Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-100B-015A ETC2-NPA-100B-015A Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
More results

Similar Description - NPAA3DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
   Low coil consumption. / PC board mounting.
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
   Low coil power consumption 0.2W. / PC board mounting.
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
   Low coil power consumption.
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
   Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
   Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
   Low coil power consumption
logo
CIT Relay & Switch
J103 CIT-J103 Datasheet
112Kb / 3P
   Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com