Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NG4UAZ10DC6V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG4UAZ10DC6V
Description  Can be welded directly onto PCB.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG4UAZ10DC6V Datasheet(HTML) 2 Page - DB Lectro Inc

  NG4UAZ10DC6V Datasheet HTML 1Page - DB Lectro Inc NG4UAZ10DC6V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
250M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 2000V
surge voltage 4kV
Item 6
of IEC255-5
Item 6 and item 8 of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
8.6g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
T
üV
Load
10A/125VAC
5A/250VAC
5A/250VAC;28VDC
Dimensions (Unit: mm)
1X0.16
12.5
15
5
4-1X0.4
3.75
22.5
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NG4U
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.16
0.006
0.3
0.012
0.4
0.016
1.0
0.039
1.3
0.051
3.5
0.138
3.75
0.148
5.0
0.197
7.5
0.295
10
0.394
12.5
0.492
15
0.591
19
0.748
22.5
0.886
1A
1C
Mounting (Bottom views)
www.dblectro.com


Similar Part No. - NG4UAZ10DC6V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG4UAZ10DC6V DBLECTRO-NG4UAZ10DC6V Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
More results

Similar Description - NG4UAZ10DC6V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-54FEA HUAXINAN-JQX-54FEA Datasheet
408Kb / 1P
   Can be welded directly onto PCB
JQX-102FA HUAXINAN-JQX-102FA Datasheet
489Kb / 1P
   Can be welded directly onto PCB.
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
   Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
   Snap-in type, can be mounted directly on P.C.B Board.
logo
PHOENIX CONTACT
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
   Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
2707754 PHOENIX-2707754 Datasheet
60Kb / 4P
   ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
PHOENIX CONTACT
2279279 PHOENIX-2279279 Datasheet
46Kb / 2P
   ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2279282 PHOENIX-2279282 Datasheet
47Kb / 3P
   ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com