Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05060YAZ Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH05060YAZ
Description  DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05060YAZ Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH05060YAZ Datasheet HTML 1Page - Artesyn Technologies PTH05060YAZ Datasheet HTML 2Page - Artesyn Technologies PTH05060YAZ Datasheet HTML 3Page - Artesyn Technologies PTH05060YAZ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
3
NEW Product
File Name: pthxx060y.pdf Rev (02): 19 Dec 2005
PTHxx060Y
3.3/5/12 Vin Single Output
OUTPUT CURRENT (A)
50
60
70
80
90
100
02
4
6
8
10
3.3V
5.0V
12.0V
Vin
Nat conv
100 LFM
200 LFM
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (ºC)
12
Figure 3 - Efficiency vs Load Current
VREF = 1.25 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 5.0 V, VREF = 1.25 V, Iout = 10 A (See Note A)
N
No
otte
es
s
A
The SOA curves represent the conditions at which internal components
are within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
8
9
10
Q1
BSS138
(Optional)
1 k
1 k
1 %
1 %
GND
Vin
Standby
V
DDQ
Cin
(Required)
1
2
+
PTHxx060Y
(Top View)
4
5
3
6
7
SSTL-2
Data/
Address/
Bus
Co1
Low-ESR
(Required)
Co2
Ceramic
(Optional)
Con
hf-Ceramic
V
tt
V
REF
+
Figure 4 - Standard Application
Nat conv
100 LFM
200 LFM
0
2
4
10
0
10
20
30
40
50
60
70
80
6
8
AMBIENT TEMPERATURE (ºC)
14
Figure 2 - Safe Operating Area
Vin = 12 V, VREF = 1.25 V, Iout = 10 A (See Note A)


Similar Part No. - PTH05060YAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05060YAZ TI-PTH05060YAZ Datasheet
838Kb / 19P
[Old version datasheet]   MEMORY BUS TERMINATION MODULES
logo
Emerson Network Power
PTH05060YAZ EMERSON-NETWORKPOWER-PTH05060YAZ Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
PTH05060YAZT EMERSON-NETWORKPOWER-PTH05060YAZT Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
More results

Similar Description - PTH05060YAZ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
[Old version datasheet]   6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
Linear Technology
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com