Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV03020 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTV03020
Description  DC-DC CONVERTERS POLA Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTV03020 Datasheet(HTML) 1 Page - Artesyn Technologies

  PTV03020 Datasheet HTML 1Page - Artesyn Technologies PTV03020 Datasheet HTML 2Page - Artesyn Technologies PTV03020 Datasheet HTML 3Page - Artesyn Technologies PTV03020 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: ptv03020w.pdf Rev (02): 19 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 680 µF and 22 µF(Ceramic), Cout = 0 µF
SPECIFICATIONS
The PTV03020 is a non-isolated dc-dc converter from Artesyn under the Point of Load
Alliance (POLA) standard. The vertical mounting option of the PTV03020 module provides
performance in less than 20% of the space that is required by alternative solutions. The
Auto-Track™ feature provides for sequencing between multiple modules, a function,
which is becoming a necessity for powering advanced silicon including DSP’s, FPGA’s
and ASIC’s requiring controlled power-up and power-down. The PTV03020 has an input
voltage of 2.95 Vdc to 3.6 Vdc and offers a wide 0.8 Vdc to 2.5 Vdc output voltage range
with up to 18 A output current, which allows for maximum design flexibility and a pathway
for future upgrades.
18 A output current
3.3 Vin input voltage
Wide-output voltage adjust (0.8 Vdc to 2.5 Vdc)
Auto-track™ sequencing*
Pre-bias start-up
Efficiencies up to 96%
Output ON/OFF inhibit
Output voltage sense
Vertical through-hole mounting
Point-of-Load-Alliance (POLA) compatible
Undervoltage lockout
Available RoHS compliant
PTV03020
3.3 Vin single output
*Auto-track™ is a trade mark of
Texas Instruments
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 4)
0.8-2.5 Vdc
Setpoint accuracy
(See Note 8)
±2.0% Vo
Line regulation
±5 mV typ.
Load regulation
±5 mV typ.
Total regulation
(See Note 8)
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
20 mV pk-pk
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
70 µs recovery time
(See Note 5)
Overshoot/undershoot 120 mV
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
2.95-3.6 Vdc
Input standby current
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Undervoltage lockout
(Increasing)
2.7 V typ.
Track input current
Pin 9 (See Notes 6, 7)
-0.13 mA
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
GENERAL SPECIFICATIONS
Efficiency
(See Efficiency Table)
96% max.
Insulation voltage
Non-isolated
Switching frequency
250-340 kHz
300 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
44.45 x 9.39 x 12.70 mm
1.75 x 0.37 x 0.50 in
Weight
5.5 g (0.19 oz)
MTBF
Telcordia SR-332
5,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Overcurrent
Auto reset
35 A typ.
Overtemperature
Auto recovery


Similar Part No. - PTV03020

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV03020 EMERSON-NETWORKPOWER-PTV03020 Datasheet
230Kb / 4P
   DC-DC CONVERTERS
PTV03020W EMERSON-NETWORKPOWER-PTV03020W Datasheet
230Kb / 4P
   DC-DC CONVERTERS
PTV03020WAD EMERSON-NETWORKPOWER-PTV03020WAD Datasheet
230Kb / 4P
   DC-DC CONVERTERS
PTV03020WAH EMERSON-NETWORKPOWER-PTV03020WAH Datasheet
230Kb / 4P
   DC-DC CONVERTERS
logo
Texas Instruments
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results

Similar Description - PTV03020

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03050 EMERSON-NETWORKPOWER-PTH03050 Datasheet
195Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTV12020 ARTESYN-PTV12020 Datasheet
244Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com