Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA401120P1AD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTMA401120P1AD
Description  10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTMA401120P1AD Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTMA401120P1AD Datasheet HTML 7Page - Texas Instruments PTMA401120P1AD Datasheet HTML 8Page - Texas Instruments PTMA401120P1AD Datasheet HTML 9Page - Texas Instruments PTMA401120P1AD Datasheet HTML 10Page - Texas Instruments PTMA401120P1AD Datasheet HTML 11Page - Texas Instruments PTMA401120P1AD Datasheet HTML 12Page - Texas Instruments PTMA401120P1AD Datasheet HTML 13Page - Texas Instruments PTMA401120P1AD Datasheet HTML 14Page - Texas Instruments PTMA401120P1AD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
t − Time − 20 ms/div
VOUT
(1 V/div)
VIN (10 V/div)
IIN (100 mA/div)
Output Voltage Trim Adjustment
PTMA403033
PTMA402050
PTMA401120
SLTS259A – FEBRUARY 2006 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
Figure 13. Power-up Waveforms
An external resistor is required to increase or decrease the output voltage set point of the module by
± 10 %. The
resistor, RTRIM, must be connected between the TRIM pin (pin 5) and VO+ (pin 4) to decrease the output voltage,
or between the TRIM pin and VO– (pin 6) to increase the output voltage. A 0.05-W rated resistor can be used.
The tolerance should be 1%, with a temperature stability of 100 ppm/°C (or better). Place the resistor close to the
converter and connect it using dedicated PCB traces (see Figure 14). Table 1 gives the nearest standard value
of external resistor for the common voltages within each model's adjust range.
Table 1. Standard Values of RTRIM for Common Output Voltages
PTMA403033
PTMA402050
PTMA401120
VO
RTRIM (kΩ)
VO
RTRIM (kΩ)
VO
RTRIM (kΩ)
(required)
(required)
(required)
down
up
down
up
down
up
3.0 V
118
4.5 V
18.7
10.8 V
64.9
3.1 V
187
4.6 V
24.9
11.0 V
80.6
3.2 V
392
4.7 V
35.7
11.2 V
105
3.3 V
open
open
4.8 V
57.6
11.4 V
143
3.4 V
249
4.9 V
121
11.6 V
221
3.5 V
124
5.0 V
open
open
11.8 V
464
3.6 V
82.5
5.1 V
124
12.0 V
open
open
5.2 V
61.9
12.2 V
118
5.3 V
40.2
12.4 V
57.6
5.4 V
29.4
12.6 V
36.5
5.5 V
23.2
12.8 V
26.1
13.0 V
19.6
13.2 V
15.8
11
Submit Documentation Feedback


Similar Part No. - PTMA401120P1AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
More results

Similar Description - PTMA401120P1AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Ericsson
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com