Electronic Components Datasheet Search |
|
MB90F562BPF Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
MB90F562BPF Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 91 page MB90560/565 Series 5 2. MB90565 Series * : DIP switch setting (S2) when using the emulation pod (MB2145-507) . Refer to “2.7 Dedicated Emulator Power Supply” in the “MB2145-507 Hardware Manual” for details. Part Number MB90F568 MB90568 MB90567 Classification Internal flash memory product Internal mask ROM product ROM size 128 Kbytes 96 Kbytes RAM size 4 Kbytes 4 Kbytes Dedicated emula- tor power supply* CPU functions Number of instructions : 351 Minimum instruction execution time : 62.5 ns for a 4 MHz oscillation (with ×4 multiplier) Addressing modes : 23 modes Program patch function : 2 address pointers Maximum memory space : 16 Mbytes Ports I/O ports (CMOS) : 51 UART Full-duplex, double-buffered Clock synchronous or asynchronous operation selectable Can be used as I/O serial Internal dedicated baud rate generator 2 channels 16-bit reload timer 16-bit reload timer operation 2 channels Multi-function timer 16-bit free-run timer × 1 channel Output compare × 6 channels Input capture × 4 channels 8/16-bit PPG timer (8-bit × 6 channels or 16-bit × 3 channels) Waveform generator (8-bit timer × 3 channels) 3-phase waveform output, deadtime output 8/10-bit A/D converter 8 channels (multiplexed input) 8-bit or 10-bit resolution selectable Conversion time : 6.13 µs (min.) (for maximum machine clock speed 16 MHz) DTP/external interrupts 8 channels (8 channels available, shared with A/D input) Interrupt triggers : “L” → “H” edge, “H” → “L” edge, “L” level, “H” level (selectable) Low power con- sumption modes Sleep mode, timebase timer mode, stop mode, and CPU intermittent operation mode Process CMOS Operating voltage 3.3 V ± 0.3 V |
Similar Part No. - MB90F562BPF |
|
Similar Description - MB90F562BPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |