Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA401120A3AZ Datasheet(PDF) 10 Page - Texas Instruments

Part # PTMA401120A3AZ
Description  10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTMA401120A3AZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTMA401120A3AZ Datasheet HTML 6Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 7Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 8Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 9Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 10Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 11Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 12Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 13Page - Texas Instruments PTMA401120A3AZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
APPLICATION INFORMATION
Operating Features and System Considerations for the PTMA40XX DC/DC Converters
Primary-Secondary Isolation
Undervoltage Lockout
Output Overvoltage Clamp
Overcurrent Protection
Soft-Start Power Up
PTMA403033
PTMA402050
PTMA401120
SLTS259A – FEBRUARY 2006 – REVISED MARCH 2006
These converters incorporate electrical isolation between the input terminals (primary) and the output terminals
(secondary). All converters are tested to a withstand voltage of 1500 Vdc. This complies with UL/cUL 60950 and
EN 60950 and the requirements for functional isolation. It allows the converter to be configured for either a
positive or negative input voltage source. The data sheet Terminal Functions table provides guidance as to the
correct reference that must be used for the external control signals.
The undervoltage lockout (UVLO) is designed to prevent the operation of the converter until the input voltage is
close to the minimum operating voltage. The converter is held off when the input voltage is below the UVLO
threshold, and turns on when the input voltage rises above the threshold. This prevents high start-up current
during normal power up of the converter, and minimizes the current drain from the input source during low input
voltage conditions. The converter meets full specifications when the minimum specified input voltage is reached.
The UVLO circuitry also overrides the operation of the enable or synchronization controls. Only when the input
voltage is above the UVLO threshold does this input become functional.
The module is protected from an overvoltage on the output using an internal clamp. This protects against a break
in the feedback path as well as a ground fault on the external Trim resistor, which would cause the output
voltage to increase.
To protect against load faults, these converters incorporate output overcurrent protection. Applying a load to the
output that exceeds the converter overcurrent threshold (see applicable specification) causes the output voltage
to momentarily fold back, and then shut down. Following shutdown, the module periodically attempts to
automatically recover by initiating a soft-start power up. This is often described as a hiccup mode of operation,
whereby the module continues in the cycle of successive shutdown and power up until the load fault is removed.
Once the fault is removed, the converter automatically recovers and returns to normal operation.
When the converter is first powered, the internal soft-start circuit limits how fast the output voltage can rise. The
soft-start circuit functions after a valid input source is applied and the output is enabled, after the converter output
is enabled using the Enable input, or on a recovery from a load fault. The purpose of the soft-start feature is to
limit the surge of current drawn from the input source when the converter begins to operate. By limiting the rate
at which the output voltage rises, the magnitude of current required to charge up the load circuit capacitance is
significantly reduced.
Figure 13 shows the power-up characteristic of a PTMA403033 converter. The output voltage is 3.3 V. The
soft-start circuit causes a slow, soft rise of the output voltage. The output voltage will begin to rise after a time
delay (typically 85 ms-100 ms) once a valid input voltage is applied. The output then progressively rises to the
voltage set-point. The waveforms were recorded with a resistive load of 3 A.
10
Submit Documentation Feedback


Similar Part No. - PTMA401120A3AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
More results

Similar Description - PTMA401120A3AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Ericsson
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com