Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F568PFM Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F568PFM
Description  16-bit Proprietary Microcontrollers
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F568PFM Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F568PFM Datasheet HTML 1Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 2Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 3Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 4Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 5Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 6Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 7Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 8Page - Fujitsu Component Limited. MB90F568PFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
MB90560/565 Series
5
2.
MB90565 Series
* : DIP switch setting (S2) when using the emulation pod (MB2145-507) .
Refer to “2.7 Dedicated Emulator Power Supply” in the “MB2145-507 Hardware Manual” for details.
Part Number
MB90F568
MB90568
MB90567
Classification
Internal flash memory product
Internal mask ROM product
ROM size
128 Kbytes
96 Kbytes
RAM size
4 Kbytes
4 Kbytes
Dedicated emula-
tor power supply*

CPU functions
Number of instructions : 351
Minimum instruction execution time : 62.5 ns for a 4 MHz oscillation (with
×4 multiplier)
Addressing modes : 23 modes
Program patch function : 2 address pointers
Maximum memory space : 16 Mbytes
Ports
I/O ports (CMOS) : 51
UART
Full-duplex, double-buffered
Clock synchronous or asynchronous operation selectable
Can be used as I/O serial
Internal dedicated baud rate generator
2 channels
16-bit reload timer
16-bit reload timer operation
2 channels
Multi-function
timer
16-bit free-run timer
× 1 channel
Output compare
× 6 channels
Input capture
× 4 channels
8/16-bit PPG timer (8-bit
× 6 channels or 16-bit × 3 channels)
Waveform generator (8-bit timer
× 3 channels) 3-phase waveform output, deadtime output
8/10-bit A/D
converter
8 channels (multiplexed input)
8-bit or 10-bit resolution selectable
Conversion time : 6.13
µs (min.) (for maximum machine clock speed 16 MHz)
DTP/external
interrupts
8 channels (8 channels available, shared with A/D input)
Interrupt triggers :
“L”
→ “H” edge, “H” → “L” edge, “L” level, “H” level (selectable)
Low power con-
sumption modes
Sleep mode, timebase timer mode, stop mode, and CPU intermittent operation mode
Process
CMOS
Operating voltage 3.3 V
± 0.3 V


Similar Part No. - MB90F568PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F568PF FUJITSU-MB90F568PF Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90F568PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com