Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV00PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV00PW
Description  Quad 2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV00PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV00PW Datasheet HTML 1Page - NXP Semiconductors 74LV00PW Datasheet HTML 2Page - NXP Semiconductors 74LV00PW Datasheet HTML 3Page - NXP Semiconductors 74LV00PW Datasheet HTML 4Page - NXP Semiconductors 74LV00PW Datasheet HTML 5Page - NXP Semiconductors 74LV00PW Datasheet HTML 6Page - NXP Semiconductors 74LV00PW Datasheet HTML 7Page - NXP Semiconductors 74LV00PW Datasheet HTML 8Page - NXP Semiconductors 74LV00PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LV00
Quad 2-input NAND gate
2
1998 Apr 20
853–1898 19257
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: standard
I
CC category: SSI
DESCRIPTION
The 74LV00 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT00.
The 74LV00 provides the 2-input NAND function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB to nY
CL = 15 pF;
VCC = 3.3 V
7
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
See Notes 1 and 2
22
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV00 N
74LV00 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV00 D
74LV00 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV00 DB
74LV00 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV00 PW
74LV00PW DH
SOT402-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 9, 12
1A – 4A
Data inputs
2, 5, 10, 13
1B – 4B
Data inputs
3, 6, 8, 11
1Y – 4Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nY
L
L
H
L
H
H
H
L
H
H
H
L
NOTES:
H = HIGH voltage level
L
= LOW voltage level


Similar Part No. - 74LV00PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV00PW NEXPERIA-74LV00PW Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
More results

Similar Description - 74LV00PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com