Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1200-96-1224 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # N1200-96-1224
Description  Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

N1200-96-1224 Datasheet(HTML) 1 Page - Artesyn Technologies

  N1200-96-1224 Datasheet HTML 1Page - Artesyn Technologies N1200-96-1224 Datasheet HTML 2Page - Artesyn Technologies N1200-96-1224 Datasheet HTML 3Page - Artesyn Technologies N1200-96-1224 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS (2)
Voltage adjustability
Accessible at front panel
±10%
Remote sense
Open/reverse sense lead protection
Compensates for voltage drop of up to
0.5V to the load
Regulation, line or load
All outputs, NL-FL
±0.2%;
at nominal line or all
10mV min.
line variations at FL
Cross regulation
0.2% max. or 10mV between outputs
Overshoot/undershoot
None at turn on/off
Transient response
Main output
≤2.0% max. dev.,
25% step load
≤200µs recovery
change at 1A/µs
to 1.0%
Temperature coefficient
±0.02%/°C
Ripple and noise
0Hz to 20MHz
50mV pk-pk or 1%
Overvoltage protection
Reset by cycling AC
115 to 130%
of nominal
Overload protection
105-115% full load
Short circuit protection
All outputs
Auto recovery
Thermal protection
Auto shutdown, AC reset
Current sharing
±5.0%
50% to 100% load
Current monitor (V1)
5VDC at full load
±0.5V
INPUT SPECIFICATIONS
Input voltage range
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
Meets IEEE std. 587.1980;
3KV ring wave
Input current
120VAC, 1000W
12A
Power factor
115/230VAC, 1kW load
0.995 min.
Power up time
Full load
1.0s max.
EMC CHARACTERISTICS
Radiated emissions
EN55022/11, FCC part 15
Level A
Conducted emissions
EN55022/11, FCC part 15
Level A
Harmonic distortion
EN61000-3-2
Conforms
Electrostatic discharge
EN61000-4-2
Level 3
RF field susceptibility
EN61000-4-3
Level 3
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
90VAC, 1KW load
24ms min.
Efficiency
230VAC, full load
73%
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Output/output
500VAC
Switching frequency
100kHz
Approvals and
EN60950, UL1950,
standards
CSA C22.2 No. 950
Weight
6.9kg (15Ibs)
Size
5 x 8 x 11 inches
127 x 203.2 x 279.4 mm
MTBF
per MIL-HDBK-217E
100,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
0°C to +50°C
Non-operating
-15°C to +85°C
Cooling
60CFM
Internal DC ball bearing fan
Relative humidity
Non-condensing
0% to 95% RH
Altitude
Operating
6,000 feet max.
Non-operating
55,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak
N1000 and N1200 SERIES
Single, dual, triple and quad output
[ 2 YEAR WARRANTY ]
• Active harmonic correction to EN61000-3-2
• 90VAC to 264VAC universal input
• Flexible output voltage configuration
• Two output power ratings
• Forced current sharing, all outputs
• DC OK (including LED)
• UL, CSA and TÜV safety approvals
• Industry standard 5 x 8 x 11 inch footprint
The N1000 and N1200 series are a range of systems-orientated, one to four
output power supplies which provide 1000W or 1200W of continuous power at
line voltages from 90VAC to 264VAC. Both series are harmonically corrected and
carry world wide safety approvals. Fully enclosed, fan cooled and in the industry
standard 5 x 8 x 11 inch form, the N series is an ideal choice when the economy
and predictable performance of a centralized system power supply are desired. A
unique dual converter architecture isolates the 5VDC logic output and the
peripheral voltages. Maximum flexibility is provided as power budgets shift and
change during the design cycle or as system upgrades are implemented. This
overcomes a major shortfall of many system power supplies which use a single
converter. To meet redundancy requirements, each output rail is isolated,
individually regulated and features forced current share. System interface signals
include AC and DC Good, current monitor (V1), overvoltage, OCP, over-
temperature protection, remote enable, margin check and inhibit as standard. By
combining robust performance and broad range, the N Series sets the standard
for centralized system power supplies.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - N1200-96-1224

ManufacturerPart #DatasheetDescription
logo
Heyco.
N120 HEYCO-N120 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
List of Unclassifed Man...
N1206R225KCT ETC2-N1206R225KCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
N1206R225KNT ETC2-N1206R225KNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
logo
MMD Components
N120AA1 MMD-N120AA1 Datasheet
101Kb / 1P
   Industry Standard Package
N120AA2 MMD-N120AA2 Datasheet
101Kb / 1P
   Industry Standard Package
More results

Similar Description - N1200-96-1224

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
   Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
Artesyn Technologies
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
   Single and dual output 25 Watt AC/DC external power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
   Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
   Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
   Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
   Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com