Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP250R-96S24J Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP250R-96S24J
Description  250 W AC/DC Universal Input Switch Mode Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250R-96S24J Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP250R-96S24J Datasheet HTML 1Page - Artesyn Technologies NLP250R-96S24J Datasheet HTML 2Page - Artesyn Technologies NLP250R-96S24J Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
J4 PIN CONNECTIONS
Pin 1
+S
+Vo Remote Sense
Pin 2
-S
-Vo Remote Sense
Pin 3
LS
Load Share Signal
Pin 4
PS OFF
Remote ON/OFF signal NO
Pin 5
PS ON
Remote ON/OFF signal NC
Pin 6
SGND
Signal Common
Pin 7
PW OK
Power Good
Pin 8
5 Vsb
Stand-by Voltage
Pin 9
DC OK
DC Power Good Signal
J1 PIN CONNECTIONS
Pin 1
Ground/Earth
Pin 2
Live
Pin 3
Neutral
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP250 Series
Single output
AC/DC POWER SUPPLIES
250 W AC/DC Universal Input Switch Mode Power Supplies
3
Please consult our website for the following items:
 Application Note
www.artesyn.com
File Name: nlp250.pdf Rev: 29 May 2006
J2 PIN CONNECTIONS
Pin 1
+12 V
Fan Voltage
Pin 2
SGND
Return
NEW Product
J3 PIN CONNECTIONS
Pin 1
Vo
+Main Output
Pin 2
Vo
+Main Output
Pin 3
RTN
Main Return
Pin 4
RTN
Main Return
International Safety Standard Approvals
VDE0805/EN60950-1/IEC950/IEC60950-1
File No. 1040100-3336-0210
UL/cUL 60950-1/CSA-C22.2 60950-1
File No. E135734
Certificate No. 40014041
CB Ref DE1-32468
IECEE
CONNECTOR AND MATING CONNECTOR TYPES
CONNECTOR
TYPE
MATING CONNECTOR TYPE
J1
Molex 09-65-2058 (5273 series)
Molex 09-52-4054 (5239 series) or equivalent with Molex 08-52-0072
void pins 2 and 4 or equivalent
(2478 series) or equivalent crimp terminals
J2
Molex 22-23-2021 (6373 series)
Molex 22-01-3027 (2695 series) or equivalent with Molex 08-50-01113
or equivalent
(2759 series) or equivalent crimp terminals
J3
Molex terminal block 387007504
Terminal block contains #6-32 screw with clamp washer suitable for wire size
or equivalent
12-22 awg (0.5-2.5 mm2). Max Torque tp 1.36 Nm (12 in.lb)
J4
Molex 22-23-2091 (6373 series)
Molex 22-01-3097 (2695 series) or equivalent with Molex 08-50-0113
or equivalent
(2759 series) or equivalent crimp terminals


Similar Part No. - NLP250R-96S24J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250R-96S24J EMERSON-NETWORKPOWER-NLP250R-96S24J Datasheet
444Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250R-96S24J EMERSON-NETWORKPOWER-NLP250R-96S24J Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
More results

Similar Description - NLP250R-96S24J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
   33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
   70 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
   80-110 W AC-DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
   20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com