Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFC10-48S12 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFC10-48S12
Description  Single and dual output 10 Watt Wide input DC/DC converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC10-48S12 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFC10-48S12 Datasheet HTML 1Page - Artesyn Technologies NFC10-48S12 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals: 48V input units
VDE0805/EN60950/IEC950 File No. 10401-3336-1077,
VDE licence No. 1663
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR50913C/LR101320
NFC10 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 10 Watts output power
• Power density 13.3W/in3
• 2:1 input voltage range
• UL, CSA and VDE safety approvals (48V input units)
• Overvoltage protection
• Extended operating temperature range
• Fixed switching frequency
The NFC10 offers 10 Watts of output power from a 2 x 1 x 0.375 inch package
without derating to 71°C. A range of 15 models with 2:1 wide input voltages of
9–18, 18–36 and 36–72VDC and single and dual outputs are offered. Features of
the NFC10 series include fixed frequency operation, high MTBF, overvoltage
protection and tight load regulation. All of the models have been designed to
meet EN60950 (Vin <60VDC) safety requirements. Typical applications are
telecommunications, industrial automation and distributed power.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 110
GENERAL SPECIFICATIONS
Efficiency
See table
79% to 86%
Isolation voltage
Input/output
500VAC/710VDC
Switching frequency
Fixed
400kHz ±10%
Approvals and
Safety
VDE0805, EN60950,
standards
IEC950, UL1950
See Note 5
CSA C22.2 No. 950
Case material
Thick aluminum alloy,
hard black anodized finish
Cover material
UL94V-0
10% glass reinforced
polyetherimide GE ULTEM
#2110 or equivalent
Material flammability
UL94V-0
Weight
27g (0.95oz.)
MTBF
MIL-HDBK-217E
760,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
–25°C to +71°C
Max. case temperature,
+110°C max.
(See Notes 6, 8)
Non-operating amb., –55°C to +125°C
Option, ambient,
-40°C to +71°C
(See Note 7)
Derating (See curve,
None to +71°C
and Note 8)
Cooling
Free air convection cooled
OUTPUT SPECIFICATIONS
Line regulation
LL to HL, single output
±1.0%
LL to HL, dual output
±1.0%
Load regulation
FL to 10% FL, singles
±1.0% typ.
FL to 10% FL, duals
±2.0% typ.
Total error band
Singles
±3.0% max.
Duals
±5.0% max.
Ripple and noise
5Hz to 20MHz
100mV pk-pk, max.
20mV rms max.
Transient response
25% step
±2.0% max. dev.,
500µs recovery
Temperature coefficient
±0.02%/°C, max.
Overvoltage protection
Single output
125% Vout
clamp
Dual output
125% Vout total
Short circuit protection
Continuous
(See Note 9)
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
12VDC
9 to 18VDC
24VDC
18 to 36VDC
48VDC
36 to 72VDC
Input filter
Pi filter
Surge protection
24VDC
50V for 100ms
48VDC
100V for 100ms
Continuous
ETSI requirement for 48V
75VDC
protection
and 60VDC telecoms


Similar Part No. - NFC10-48S12

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
NFC15-48D12 ARTESYN-NFC15-48D12 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
NFC15-48D15 ARTESYN-NFC15-48D15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
NFC15-48S05 ARTESYN-NFC15-48S05 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
NFC15-48S12 ARTESYN-NFC15-48S12 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
More results

Similar Description - NFC10-48S12

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
   Single, dual and triple output 10 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
   Single, dual and triple output 30 Watt Wide input DC/DC converters
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
   Single, dual and triple output 15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
   Single and dual output 3 to 5 Watt Wide input DC/DC converters
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
   Single and triple output 40 Watt Wide input DC/DC converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com