Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFC40 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFC40
Description  Single and triple output 40 Watt Wide input DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC40 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFC40 Datasheet HTML 1Page - Artesyn Technologies NFC40 Datasheet HTML 2Page - Artesyn Technologies NFC40 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
OUTPUT
OVP (3)
MAX. OUTPUT
INPUT
TYPICAL
MODEL NUMBER (5, 10)
VOLTAGE (2)
VOLTAGE
CURRENT
CURRENT (4)
EFFICIENCY
METRIC INSERTS
IMPERIAL INSERTS
18-36VDC
5VDC
6.2VDC
8A
2.15A
80%
NFC40-24S05-M
NFC40-24S05
18-36VDC
12VDC
15VDC
3.5A
2.1A
82%
NFC40-24S12-M
NFC40-24S12
18-36VDC
15VDC
18VDC
2.8A
2.1A
82%
NFC40-24S15-M
NFC40-24S15
18-36VDC
5/±12VDC
6.2VDC/None
7.5/±0.75A
2.15A
80%
NFC40-24T05-12-M
NFC40-24T05-12 (6)
18-36VDC
5/±15VDC
6.2VDC/None
7.5/±0.75A
2.15A
80%
NFC40-24T05-15-M
NFC40-24T05-15 (6)
36-72VDC
5VDC
6.2VDC
8A
1.1A
81%
NFC40-48S05-M
NFC40-48S05
36-72VDC
12VDC
15VDC
3.5A
1.05A
83%
NFC40-48S12-M
NFC40-48S12
36-72VDC
15VDC
18VDC
2.8A
1.05A
83%
NFC40-48S15-M
NFC40-48S15
36-72VDC
5/±12VDC
6.2VDC/None
7.5/±0.75A
1.1A
81%
NFC40-48T05-12-M
NFC40-48T05-12 (6)
36-72VDC
5/±15VDC
6.2VDC/None
7.5/±0.75A
1.1A
81%
NFC40-48T05-15-M
NFC40-48T05-15 (6)
PIN CONNECTIONS (6,7)
PIN NUMBER
SINGLE OUTPUT
TRIPLE OUTPUT
1
+ Input
+ Input
2
– Input
– Input
3
Control
Control
4
No Connection
+ Vout 2
5
No Connection
Common 2, 3
6
No Connection
– Vout 3
7
+ Output
+ Vout 1
8
Common
Common 1
9
Trim
Trim
Mechanical notes
A All pins are actual to within 0.010 inch (0.25mm) diameter.
B Tolerances:
Imperial
0.XX ± 0.02 inch
0.XXX ± 0.005 inch
Metric
0.X ± 0.5mm
0.XX ± 0.13mm
Unless otherwise specified.
C Metric dimensions in brackets, e.g. 1.250” (31.75mm).
D Copper tracks must not be routed under the four converter stand-offs.
1.800
(45.72)
0.15 (3.8) Min.
0.05 (1.3)
1.900
± 0.010
(48.26
± 0.25)
Square
0.4 (1.02) Dia. Typ.
0.020
± 0.010 (0.51 ± 0.25)
0.50 (12.7)
0.100
(2.54)
0.300 7.620
0.200 (5.080)
0.500 (12.700)
0.600
(15.24)
0.800
(20.32)
0.22
± 0.03 (5.6±0.8) Dia. Stand-off (4 Places)
Metric: M3 Tap Thru. (4 Places) Designated with the
suffix '-M' at the end of the model number
Imperial: #4-40 VNC-2B Tap. Thru. (4 places)
Designated without the suffix '-M' at the end of the
model number
0.200 (5.08)
0.600
(15.24)
1.100
(27.94)
1.250
(31.75)
0.20 (5.10)
2.20 (55.90)
Square
1
2
3
4
5
6
7
8
9
ALL DIMENSIONS IN INCHES (mm)
Notes
1
Total error band is defined at the static output regulation at 25°C, includ-
ing initial setting accuracy, line voltage within stated limits and load cur-
rent within stated limits.
2
Nominal input voltages are 24VDC and 48VDC.
3
Overvoltage protection threshold. Any main output overvoltage clamps
the output to a very low output voltage. A prolonged overvoltage
condition will cause the converter to fail.
4
Maximum value at full load, nominal input voltage.
5
For top-mounted heatsink option with Metric screws, add ‘-MX’ or ‘-MY’
to these model numbers. For side-mounted heatsink option, add ‘-ME’ or
‘-MS’ to the model number e.g. NFC40-48S05-MX.
For top-mounted heatsink option with Imperial screws, add ‘-1X’ or ‘-1Y’
to these model numbers. For side-mounted heatsink option, add ‘-1E’ or
‘-1S’ to the model number e.g. NFC40-48S05-1X.
6
For triple output units, common pins (5 and 8) should be connected
externally.
7
Output V1 must return to common 1 and outputs V2 and V3 to common 2
and 3 respectively in order to meet noise and regulation specifications.
8
The external trim function enables the tailoring of the output voltage to
the applications exact requirements. Adjustments within ±10% are
possible. On the triple output models the auxiliary output voltages (output
2 and 3) will vary proportionally to the main output.
9
An external filter capacitor is required for normal operation. The
capacitor should be capable of handling 1A/2A ripple current for 48V/24V
models. Artesyn suggests: Nippon Chemi-Con SXE series, 220µF/100V
for the NFC40-48xxx-M and the Nippon Chemi-Con LXF Series,
1500µF/50V for the NFC40-24xxx-M.
10 Extended operating temperature range. To specify an NFC40 that
operates down to –40°C, add the suffix ‘4’ or ‘-4’ to the model number
e.g. NFC40-48S05-M4 or NFC40-48S05-4 for Metric and Imperial screw
measurements respectively.
11 Case temperature must not exceed +105°C. Curve may be extended or
restricted depending on available cooling.
Auxiliary Load Regulation
NFC40-XXT05-12-M
0
200
400
600
750
11
12
13
14
15
OUTPUT CURRENT
4.0
2.0
.50
6.0
7.5
Auxiliary Load Regulation
NFC40-XXT05-15-M
0
200
400
600
750
13
14
15
16
17
OUTPUT CURRENT
4.0
2.0
.50
6.0
7.5
18
40 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
40W DC/DC
PAGE 143
http://www.artesyn.com
5


Similar Part No. - NFC40

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
   Near Field Communication LSI
logo
Artesyn Technologies
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D12 ARTESYN-NFC10-12D12 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D15 ARTESYN-NFC10-12D15 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12S05 ARTESYN-NFC10-12S05 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
More results

Similar Description - NFC40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
   Single, dual and triple output 10 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
   Single, dual and triple output 30 Watt Wide input DC/DC converters
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
   Single, dual and triple output 15 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com