Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3000-26-5 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # M3000-26-5
Description  Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

M3000-26-5 Datasheet(HTML) 4 Page - Artesyn Technologies

  M3000-26-5 Datasheet HTML 1Page - Artesyn Technologies M3000-26-5 Datasheet HTML 2Page - Artesyn Technologies M3000-26-5 Datasheet HTML 3Page - Artesyn Technologies M3000-26-5 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. R9373263
UL1950 File No. E135734
CSA C22.2 No. 950 Bulletin No. 1402C
TÜV
EFFICIENCY V'S OUTPUT CURRENT
85
84
83
82
81
80
79
78
77
76
75
74
73
0
200
400
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
POWER FACTOR V'S OUTPUT CURRENT
.96
.95
.94
.93
.92
.91
.90
.89
.88
.87
.86
.85
100
200
300
400
500
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
TRANSIENT RESPONSE
20
18
16
14
12
10
8
6
4
2
0
0
100
200
300
400
Output Current Step (AMPS)
3000 and 4000 Watt
AC/DC high current power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
3000-4000W AC/DC
PAGE 4
http://www.artesyn.com


Similar Part No. - M3000-26-5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3000 UTC-M3000 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
logo
Fujitsu Component Limit...
M3000 FUJITSU-M3000 Datasheet
173Kb / 7P
   Fujitsu SPARC Enterprise M3000 server
logo
ML Accessories Limited....
M3000 KNIGHTSBRIDGE-M3000 Datasheet
238Kb / 1P
   Metal Clad 10AX 2G 2-way Switch
11/04/2024
logo
E-SWITCH
M300000 E-SWITCH-M300000 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M3000-26-5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
   Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
L2000 ARTESYN-L2000 Datasheet
61Kb / 4P
   Single output 2000 Watt AC/DC high current power supplies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
N1000 ARTESYN-N1000 Datasheet
65Kb / 4P
   Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
logo
Wall Industries,Inc.
PS600 WALL-PS600 Datasheet
157Kb / 4P
   600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com