Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7HCT1284D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 7HCT1284D
Description  Parallel printer interface transceiver/buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7HCT1284D Datasheet(HTML) 2 Page - NXP Semiconductors

  7HCT1284D Datasheet HTML 1Page - NXP Semiconductors 7HCT1284D Datasheet HTML 2Page - NXP Semiconductors 7HCT1284D Datasheet HTML 3Page - NXP Semiconductors 7HCT1284D Datasheet HTML 4Page - NXP Semiconductors 7HCT1284D Datasheet HTML 5Page - NXP Semiconductors 7HCT1284D Datasheet HTML 6Page - NXP Semiconductors 7HCT1284D Datasheet HTML 7Page - NXP Semiconductors 7HCT1284D Datasheet HTML 8Page - NXP Semiconductors 7HCT1284D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74HCT1284
Parallel printer interface transceiver/buffer
2
1998 Jul 10
853–1768 19693
FEATURES
Asynchronous operation
4-Bit transceivers
3 additional buffer/driver lines
TTL compatible inputs
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Input Hysteresis
Low Noise Operation
Center Pin V
CC & GND
IEEE 1284 Compliant Level 1 & 2
Overvoltage Protection on B side
DESCRIPTION
The 74HCT1284 parallel interface chip is designed to provide an
asynchronous, 4-bit, bi-directional, parallel printer interface for
personal computers. Three additional lines are included to provide
handshaking signals between the host and the peripheral. The part
is designed to match IEEE 1284 standard.
The 4 transceiver pins (A/B 1-4) allow data transmission from the A
bus to the B bus, or from the B bus to the A bus, depending on the
state of the direction pin DIR.
The B bus and the Y5-Y7 lines have totem pole or open drain style
outputs depending on the state of the high drive enable pin HD.
The A bus only has totem pole style outputs. All inputs are TTL
compatible with at least 400mV of input hysteresis at VCC = 5.0V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Bn to An
CL = 50pF; VCC = 5V
5.3
5.6
ns
ns
CIN
Input capacitance An, DIR, HD
VI = 0V or VCC
5
pF
COUT
Output capacitance Bn, Yn
VO = 0V or VCC; 3-State
14
pF
ICC
Total supply current
VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
20-pin plastic DIP
0
°C to +70°C
74HCT1284N
SOT146-1
20-pin plastic SOL
0
°C to +70°C
7HCT1284D
SOT163-1
20-pin plastic SSOP Type II
0
°C to +70°C
74HCT1284DB
SOT339-1
20-pin plastic TSSOP Type I
0
°C to +70°C
74HCT1284PW
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A1
A2
A3
A4
GND
GND
A5
A6
A7
DIR
B1
B2
B3
B4
VCC
VCC
Y5
Y7
Y6
HD
SK00001
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1,2,3,4
20,19,18,17
A1 - A4
B1 - B4
Data inputs/outputs
7,8,9
14,13,12
A5 - A7
Y5 - Y7
Buffer/Driver lines
10,11
DIR,HIGH
DRIVE
Direction, Drive
5,6
GND
Ground (0V)
15,16
VCC
Positive supply voltage


Similar Part No. - 7HCT1284D

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
7HCPL-5230-200 HP-7HCPL-5230-200 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - 7HCT1284D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com