Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX350-7617-C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LX350-7617-C
Description  Flexible single and multiple outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX350-7617-C Datasheet(HTML) 2 Page - Artesyn Technologies

  LX350-7617-C Datasheet HTML 1Page - Artesyn Technologies LX350-7617-C Datasheet HTML 2Page - Artesyn Technologies LX350-7617-C Datasheet HTML 3Page - Artesyn Technologies LX350-7617-C Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT CONNECTIONS
MULTI O/P
SINGLE O/P
SIGNALS
1
+5VS
0VS
SRS
2
+5V
0V
ACF
3
+5V
0V
DCF
4
+5V
0V
PM
50V
0V
PS
6
0V
0V
ROF
7
0V
+V
+VS
8
–5V
+V
0V
9
–12V
+V
10
+12V
+V
11
+24V
+VS
12
ROF
ROF
INPUT CONNECTIONS
Pin 1
Earth
Pin 2
Neutral
Pin 3
Live
Notes
1
The multiple output LX350 has a continuous output power rating of 350W.
The single-output versions have a continuous output power rating of
385W.
2
Peak power figures for individual outputs on the multiple output unit are
for less than 10 seconds duration. The overall peak power for the unit is
550W for 10 seconds duration.
3
Single output models are adjustable -8%, +16%.
4
A 10% load on the main output is necessary to maintain regulation on the
auxiliaries at full load (multi output model).
5
The input board is fitted with an autorange circuit as standard which
automatically senses the input voltage and switches to the appropriate
voltage range.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
Consideration should be given to measuring the temperature on the main
transformer (T1) when the power supply is installed in end-use equipment.
The measured temperature on T1 must not exceed 90
°C. For further
information on the LX350 safety approvals, contact Computer Products.
Options
DC input models for 24V and 48V operation are detailed on the LX200,
LX350 and LX550 series DC/DC converter data sheet on page 170.
A safety cover and signals board are available as options. To order, add
the suffixes ‘-C’, ‘-S’ respectively , see table below.
SIGNALS (OPTIONAL)
An optional signals board supplies the following VME utility bus signals:
ACF (AC Fail) Logic 1 to 0 transition occurs >10ms before outputs fall
below 80%-85% of nominal in the event of input failure.
DCF (DC Fail) Logic 0 occurs if output falls below <85%–95% of nominal.
SRS (System Reset) Logic 1 for system OK (AC and DC good and reset
times [200ms])
PM
Power Monitor signal, proportional to the output power, ratio of
10mV/W,
±10%.
PS
Power Share connections, to be joined for parallel operation of two
or more units, ensuring equal power share. For power share
operation unit outputs need to be set to ±5% of each other and
should be connected in star configurations with the load as star
centre.
OPTIONS
SUFFIX
EXAMPLE
None
LX350-76xx
Cover
-C
LX350-76xx-C
Signals
-S
LX350-76xx-S
Cover and Signals
-C-S
LX350-76xx-C-S
OVERLOAD/SHORT CIRCUIT PROTECTION
The overload/short circuit protection mechanisms are different for the single
output models and the multiple output model.
The single output models will current limit when the output load reaches
105-120% of maximum load during overload or short circuit conditions.
The unit will operate in a constant current mode making the single output
models suitable for battery charging applications.
The multiple output model uses a power limiting function. When the total
output power reaches 600W the outputs will foldback to the values detailed
below:
Output
Foldback Value
+5V
30A continuous
+12V
8A continuous
+24V
4A continuous
–5V/–12V
Protected by 4A Multi Fuse™
The outputs will not foldback until the total output power exceeds the maxi-
mum power limits. This allows the units to have a peak power capability
but it requires that care must be taken not to permanently overload any
individual output. The +5V, +12V and +24V outputs are not individually pro-
tected and it is recommended that the maximum continuous load does not
exceed the value given in the output specifications. The -5V and -12V out-
puts are individually protected by a 4A Multi Fuse™ and the maximum con-
tinuous load should not exceed the value given in the output specifications.
OUTPUT
OUTPUT CURRENTS
OUTPUT RIPPLE
MODEL NUMBER
VOLTAGE
MAX (1)
PEAK (2)
RMS
PK-PK
+5.0V
50.0A
100.0A
0.2%
2.0%
LX350-7620
–5.0V
4.0A
10.0A
0.2%
2.0%
–12.0V
4.0A
10.0A
0.2%
2.0%
+12.0V
8.0A
20.0A
0.2%
2.0%
+24.0V
4.0A
10.0A
0.2%
2.0%
24.0V (3)
16.0A
0.1%
1.0%
LX350-7624
48.0V (3)
8.0A
0.1%
1.0%
LX350-7617
350 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
350W AC
PAGE 2
http://www.artesyn.com


Similar Part No. - LX350-7617-C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX3 BANNER-LX3 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3044 MICROSEMI-LX3044 Datasheet
727Kb / 5P
   10.3 Gbps Coplanar GaAs PIN Photo Diode
Rev. 1.1
More results

Similar Description - LX350-7617-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX550 ARTESYN-LX550 Datasheet
51Kb / 4P
   Flexible single and multiple outputs
LX200 ARTESYN-LX200 Datasheet
54Kb / 4P
   Flexible single and muliple outputs
logo
RF Micro Devices
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
   Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
   Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
   Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
   Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1831 RFMD-RFVC1831 Datasheet
964Kb / 10P
   Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com