Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDO06C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDO06C
Description  Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO06C Datasheet(HTML) 3 Page - Artesyn Technologies

  LDO06C Datasheet HTML 1Page - Artesyn Technologies LDO06C Datasheet HTML 2Page - Artesyn Technologies LDO06C Datasheet HTML 3Page - Artesyn Technologies LDO06C Datasheet HTML 4Page - Artesyn Technologies LDO06C Datasheet HTML 5Page - Artesyn Technologies LDO06C Datasheet HTML 6Page - Artesyn Technologies LDO06C Datasheet HTML 7Page - Artesyn Technologies LDO06C Datasheet HTML 8Page - Artesyn Technologies LDO06C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.artesyn.com
LDO06C Series | 6 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_ldo06c.pdf Rev: (01) 12 Apr 2006
Signal Electrical Interface
Characteristic - Signal Name
Symbol
Min
Typ
Max
Units
Notes and Conditions
Remote ON/OFF
See Application Note 186
Control pin open circuit
voltage
3.3 V
5 V
12 V
Vih
0.61
0.92
2.20
Vdc
Iih = 0 µA; open circuit voltage
See Notes 2 and 3
High level input current
Iih
1
µA
Current flowing into control pin
when pin is pulled high (max.
at Vih = 5 V
High level input voltage
Vih
0.502
Vdc
Converter guaranteed on
when control pin is greater
than Vih (min)
Low level input voltage
Vil
0.200
Vdc
Converter guaranteed off
when control pin is less than
Vil (max)
Low level input current
3.3 V
5 V
12 V
Iil (max)
110
166
398
µA
Vil = 0 Vdc
Reliability and Service Life
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
Hours
MIL-HDBK-217F
Vin = Vin (nom); Iout = Iout
(max); ambient 25 ºC;
ground benign environment
Mean time between failure
MTBF
8,392,808
Hours
Telcordia SR-332
Issue 2, ground benign,
ambient 40 ºC, Vin = Vin
(nom)-Iout = Iout (max)
3


Similar Part No. - LDO06C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Advanced Energy Industr...
LDO06C ADVANCEDENERGY-LDO06C Datasheet
564Kb / 6P
   30 Watts
logo
Emerson Network Power
LDO06C-005W05-HJ EMERSON-NETWORKPOWER-LDO06C-005W05-HJ Datasheet
169Kb / 4P
   6 A output current rating
logo
Artesyn Technologies
LDO06C-005W05-HJ ARTESYN-LDO06C-005W05-HJ Datasheet
671Kb / 4P
   POWER 30 Watts
logo
Emerson Network Power
LDO06C-005W05-SJ EMERSON-NETWORKPOWER-LDO06C-005W05-SJ Datasheet
169Kb / 4P
   6 A output current rating
More results

Similar Description - LDO06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
   Single Output C Class Non-Isolated DC/DC Converter
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Emerson Network Power
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com